Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL21080 Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL21080
Description  300nA NanoPower Voltage References
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21080 Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL21080 Datasheet HTML 4Page - Intersil Corporation ISL21080 Datasheet HTML 5Page - Intersil Corporation ISL21080 Datasheet HTML 6Page - Intersil Corporation ISL21080 Datasheet HTML 7Page - Intersil Corporation ISL21080 Datasheet HTML 8Page - Intersil Corporation ISL21080 Datasheet HTML 9Page - Intersil Corporation ISL21080 Datasheet HTML 10Page - Intersil Corporation ISL21080 Datasheet HTML 11Page - Intersil Corporation ISL21080 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FN6934.2
October 14, 2009
TC VOUT
Output Voltage Temperature Coefficient
(Note 7)
50
ppm/°C
VIN
Input Voltage Range
5.5
8.0
V
IIN
Supply Current
0.5
1.5
µA
ΔVOUT /ΔVIN
Line Regulation
5.5 V < VIN < 8.0V
80
350
µV/V
ΔVOUT/ΔIOUT
Load Regulation
Sourcing: 0mA ≤ IOUT ≤ 10mA
10
100
µV/mA
Sinking: -10mA ≤ IOUT ≤ 0mA
20
350
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
80
mA
tR
Turn-on Settling Time
VOUT = ±0.1% with no load
4
ms
Ripple Rejection
f = 120Hz
-30
dB
eN
Output Voltage Noise
0.1Hz ≤ f ≤ 10Hz
30
µVP-P
VN
Broadband Voltage Noise
10Hz ≤ f ≤ 1kHz
52
µVRMS
Noise Density
f = 1kHz
1.1
µV/√Hz
ΔVOUT/ΔTA
Thermal Hysteresis (Note 8)
ΔTA = +165°C
100
ppm
ΔVOUT/Δt
Long Term Stability (Note 9)
TA = +25°C
50
ppm
NOTES:
7. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT
is divided by the temperature range; in this case, -40°C to +85°C = +125°C.
8. Thermal Hysteresis is the change of VOUT measured @ TA = +25°C after temperature cycling over a specified range, ΔTA. VOUT
is read initially at TA = +25°C for the device under test. The device is temperature cycled and a second VOUT measurement
is taken at +25°C. The difference between the initial VOUT reading and the second VOUT reading is then expressed in ppm.
For Δ TA = +125°C, the device under test is cycled from +25°C to +85°C to -40°C to +25°C.
9. Long term drift is logarithmic in nature and diminishes over time. Drift after the first 1000 hours will be approximately
10ppm/√1khrs
Electrical Specifications (ISL21080-50 VOUT = 5.0V) VIN = 6.5V, TA = -40°C to +85°C, IOUT = 0, unless otherwise
specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN TYP MAX
UNIT
Typical Performance Characteristics Curves V
OUT = 1.5V, VIN = 3.0V, IOUT = 0mA,
TA = +25°C unless otherwise specified.
FIGURE 1. IIN vs VIN, 3 UNITS
FIGURE 2. IIN vs VIN OVER-TEMPERATURE
0
100
200
300
400
500
VIN (V)
UNIT 1
UNIT 3
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
UNIT 2
0
100
200
300
400
500
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
-40°C
+85°C
VIN (V)
+25°C
ISL21080


Numéro de pièce similaire - ISL21080

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
ISL21080 INTERSIL-ISL21080 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
ISL21080 INTERSIL-ISL21080 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080 Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
More results

Description similaire - ISL21080

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com