Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BCX18LT1G Datasheet(Fiches technique) 1 Page - ON Semiconductor

Numéro de pièce BCX18LT1G
Description  General Purpose Transistors
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCX18LT1G Datasheet(HTML) 1 Page - ON Semiconductor

  BCX18LT1G Datasheet HTML 1Page - ON Semiconductor BCX18LT1G Datenblatt HTML 2Page - ON Semiconductor BCX18LT1G Datenblatt HTML 3Page - ON Semiconductor BCX18LT1G Datenblatt HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Components Industries, LLC, 2009
August, 2009 ? Rev. 0
1
Publication Order Number:
BCX18LT1/D
BCX18LT1G, PNP
BCX19LT1G, NPN
General Purpose
Transistors
Voltage and Current are Negative for
PNP Transistors
Features
? These Devices are Pb?Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector ? Emitter Voltage
BCX19LT1
BCX18LT1
VCEO
45
25
Vdc
Collector ? Base Voltage
BCX19LT1
BCX18LT1
VCBO
50
30
Vdc
Emitter ? Base Voltage
VEBO
5.0
Vdc
Collector Current ? Continuous
IC
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR?5 Board
(Note 1), TA = 25C
Derate above 25C
PD
225
1.8
mW
mW/C
Thermal Resistance,
Junction?to?Ambient
RqJA
556
C/W
Total Device Dissipation Alumina
Substrate, (Note 2) TA = 25C
Derate above 25C
PD
300
2.4
mW
mW/C
Thermal Resistance,
Junction?to?Ambient
RqJA
417
C/W
Junction and Storage Temperature
TJ, Tstg
?55 to +150
C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR?5 = 1.0  0.75  0.062 in.
2. Alumina = 0.4  0.3  0.024 in 99.5% alumina.
SOT?23
CASE 318
STYLE 6
MARKING DIAGRAM
1
2
3
COLLECTOR
3
1
BASE
2
EMITTER
PNP
NPN
http://onsemi.com
1
xx M G
G
(Note: Microdot may be in either location)
xx
= T2 or U1
M
= Date Code*
G
= Pb?Free Package
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
COLLECTOR
3
1
BASE
2
EMITTER


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn