Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD311 Datasheet(Fiches technique) 3 Page - RFHIC

Numéro de pièce AD311
Description  E-pHEMT MMIC
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RFHIC [RFHIC]
Site Internet  http://www.rfhic.com
Logo RFHIC - RFHIC

AD311 Datasheet(HTML) 3 Page - RFHIC

  AD311 Datenblatt HTML 1Page - RFHIC AD311 Datenblatt HTML 2Page - RFHIC AD311 Datasheet HTML 3Page - RFHIC AD311 Datenblatt HTML 4Page - RFHIC AD311 Datenblatt HTML 5Page - RFHIC AD311 Datenblatt HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AD
D3
31
11
1
(Preliminary)
Multi-Tone Test 135CH_FLAT@Input Power +15dBmV/Ch
Level: Input +15dBmV
Tilt: 135CH
FRQ
XMD(NCTA)
CTB_RAW
CTB_COR
N-FLR
CSU_RAW
CSU_COR
CSU_FRQ
CSL_RAW
CSL_COR
CSL_FRQ
55.25
65.7
74
74.4
84.5
82.7
87
56
70.7
71
54
77.25
66
74.3
74.7
84.6
71.6
71.8
77.99
84
88.3
76.14
109.25
65.7
73.9
74.2
84.8
83.3
87.6
109.99
71.2
71.4
107.99
211.25
65.8
72.6
72.9
84.3
79.2
80.8
212.5
70.5
70.7
209.99
331.25
66.1
72.2
72.6
83.5
73.3
73.7
332.49
67.5
67.6
329.99
445.25
66.8
72.4
72.3
83.2
67
70
446.49
64.7
66
443.99
547.25
67.3
72.9
73.4
82.3
67.3
67.5
548.49
66.1
66.2
545.99
637.25
68.2
73.3
73.9
82.4
66.3
66.4
638.5
67.4
67.6
635.99
745.25
68.8
73.7
74.4
82.2
64.7
64.7
746.49
71.3
71.6
743.99
859.25
69.2
74.3
75.5
80.3
63.1
63.1
860.49
73.9
75
858.49
Min
65.7
72.2
72.3
80.3
63.1
63.1
56
64.7
66
54
Max
69.2
74.3
75.5
84.8
83.3
87.6
860.49
84
88.3
858.49
◎ Specifications (Insert Pad)
Parameter
Unit
Typical Data
Condition
Frequency
MHz
50~1000
5
Supply Voltage
V
Gain
dB
4.2
Gain Flatness
dB
0.3
Input Return Loss
dB
-17
Output Return Loss
dB
-18
IN&OUT Port Isolation
dB
-29
OUT&OUT Port Isolation
dB
-40
OIP3
dBm
27
P1dB
dBm
13
Noise Figure
dB
4.5
CSO
dBc
-61
135 channel, +15dBmV/ch
CTB
dBc
-74
135 channel, +15dBmV/ch
XMOD
dBc
-69
135 channel, +15dBmV/ch
DC Current
mA
125
Vdd = 5.0V
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.5


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn