Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC373 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce 74HC373
Description  Octal 3?뭆tate Non?묲nverting Transparent Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC373 Fiches technique(HTML) 6 Page - ON Semiconductor

  74HC373 Datasheet HTML 1Page - ON Semiconductor 74HC373 Datasheet HTML 2Page - ON Semiconductor 74HC373 Datasheet HTML 3Page - ON Semiconductor 74HC373 Datasheet HTML 4Page - ON Semiconductor 74HC373 Datasheet HTML 5Page - ON Semiconductor 74HC373 Datasheet HTML 6Page - ON Semiconductor 74HC373 Datasheet HTML 7Page - ON Semiconductor 74HC373 Datasheet HTML 8Page - ON Semiconductor 74HC373 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74HC373
http://onsemi.com
6
TIMING REQUIREMENTS (CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Figure
VCC
(V)
Guaranteed Limit
Unit
– 55 to 25_C
v 85_C
v 125_C
Min
Max
Min
Max
Min
Max
tsu
Minimum Setup Time, Input D to Latch Enable
4
2.0
3.0
4.5
6.0
25
20
5.0
5.0
30
25
6.0
6.0
40
30
8.0
7.0
ns
th
Minimum Hold Time, Latch Enable to Input D
4
2.0
3.0
4.5
6.0
5.0
5.0
5.0
5.0
5.0
5.0
5 0
5.0
5.0
5.0
5.0
5.0
ns
tw
Minimum Pulse Width, Latch Enable
2
2.0
3.0
4.5
6.0
60
23
12
10
75
27
15
13
90
32
18
15
ns
tr, tf
Maximum Input Rise and Fall Times
1
2.0
3.0
4.5
6.0
1000
800
500
400
1000
800
500
400
1000
800
500
400
ns
SWITCHING WAVEFORMS
VCC
GND
tf
tr
INPUT D
Q
10%
50%
90%
10%
50%
90%
tTLH
tPLH
tPHL
tTHL
VCC
GND
50%
LATCH ENABLE
tPLH
tPHL
Q
tw
50%
Figure 1.
Figure 2.
Figure 3.
Figure 4.
50%
50%
1.3 V
Q
tPZL
tPLZ
tPZH
tPHZ
10%
90%
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
Q
OUTPUT
ENABLE
50%
INPUT D
LATCH ENABLE
VCC
VCC
GND
GND
VALID
th
tsu
50%


Numéro de pièce similaire - 74HC373

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC373 PHILIPS-74HC373 Datasheet
56Kb / 8P
   Octal D-type transparent latch; 3-state
September 1993
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
Wing Shing Computer Com...
74HC373 WINGS-74HC373 Datasheet
415Kb / 6P
   Octal Transparent D-type Latches W ith 3-State Outputs
logo
NXP Semiconductors
74HC373 NXP-74HC373 Datasheet
179Kb / 26P
   Octal D-type transparent latch; 3-state
Rev. 5-13 December 2011
logo
Silicon Supplies
74HC373 SS-74HC373 Datasheet
1Mb / 7P
   High Speed CMOS Logic
More results

Description similaire - 74HC373

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74HC373A ONSEMI-MC74HC373A_05 Datasheet
119Kb / 10P
   Octal 3?뭆tate Non?묲nverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 12
NL17SZ126 ONSEMI-NL17SZ126_06 Datasheet
77Kb / 7P
   Non?묲nverting 3?뭆tate Buffer
February, 2006 ??Rev. 5
74HC374 ONSEMI-74HC374 Datasheet
130Kb / 9P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop
March, 2007 ??Rev. 0
MC74AC373 ONSEMI-MC74AC373 Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74AC652 ONSEMI-MC74AC652 Datasheet
158Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?묲nverting)
March, 2006 ??Rev. 6
MC14503B ONSEMI-MC14503B_06 Datasheet
113Kb / 7P
   Hex Non?묲nverting 3?뭆tate Buffer
June, 2006 ??Rev. 7
MC74LCX573 ONSEMI-MC74LCX573_05 Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 7
MC74HCT373A ONSEMI-MC74HCT373A_06 Datasheet
163Kb / 8P
   Octal 3?뭆tate Noninverting Transparent Latch with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 11
MC74HC373A ONSEMI-MC74HC373A Datasheet
195Kb / 8P
   Octal 3-State Non-Inverting Transparent Latch
March, 2000 ??Rev. 8
logo
Motorola, Inc
MC54-74HC373A MOTOROLA-MC54-74HC373A Datasheet
202Kb / 8P
   Octal 3-State Non-Inverting Transparent Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com