Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28414FBZ Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL28414FBZ
Description  Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28414FBZ Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL28414FBZ Datasheet HTML 3Page - Intersil Corporation ISL28414FBZ Datasheet HTML 4Page - Intersil Corporation ISL28414FBZ Datasheet HTML 5Page - Intersil Corporation ISL28414FBZ Datasheet HTML 6Page - Intersil Corporation ISL28414FBZ Datasheet HTML 7Page - Intersil Corporation ISL28414FBZ Datasheet HTML 8Page - Intersil Corporation ISL28414FBZ Datasheet HTML 9Page - Intersil Corporation ISL28414FBZ Datasheet HTML 10Page - Intersil Corporation ISL28414FBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
FN6800.3
December 22, 2009
FIGURE 7. FREQUENCY RESPONSE vs CLOSED LOOP
GAIN
FIGURE 8. FREQUENCY RESPONSE vs VOUT
FIGURE 9. GAIN vs FREQUENCY vs RL
FIGURE 10. GAIN vs FREQUENCY vs CL
FIGURE 11. GAIN vs FREQUENCY vs SUPPLY VOLTAGE
FIGURE 12. CROSSTALK, VS = ±2.5V
Typical Performance CurvesV
S = ±2.5V, VCM = 0V, RL = Open, unless otherwise
specified. (Continued)
FREQUENCY (Hz)
100k
1M
10M
10
10k
1k
100
70
-10
0
10
20
30
40
50
60
100M
V+ = ±2.5V
VOUT = 50mVP-P
CL = 4pF
RL = 10k
AV = 1
AV = 100
AV = 1000
Rg = 100, Rf = 100k
AV = 10
Rg = OPEN, Rf = 0
Rg = 1k, Rf = 100k
Rg = 10k, Rf = 100k
FREQUENCY (Hz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
1k
10k
100k
1M
10M
100M
VS = ±2.5V
AV = +1
RL = 10k
CL = 4pF
VOUT = 1VP-P
VOUT = 100mVP-P
VOUT = 50mVP-P
VOUT = 10mVP-P
VOUT = 500mVP-P
VOUT = 200mVP-P
FREQUENCY (Hz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
V+ = ±2.5V
AV = +1
VOUT = 50mVP-P
CL = 4pF
100
1k
10k
100k
1M
10M
100M
RL = 1k
RL = 100
RL = 4.99k
RL = 499
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-3
-2
-1
0
1
2
3
4
5
6
7
VS = ±2.5V
RL = 10k
AV = +1
VOUT = 50mVP-P
CL = 1004pF
CL = 474pF
CL = 224pF
CL = 104pF
CL = 26pF
CL = 4pF
FREQUENCY (Hz)
100k
1M
10M
10k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100M
CL = 4pF
RL = 10k
AV = +1
VOUT = 50mVP-P
VS = ±2.5V
VS = ±0.9V
VS = ±1.25V
VS = ±1.75V
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
RL-RECEIVER = 10k
AV = +1
VSOURCE = 1VP-P
CL = 4pF
RL-DRIVER = INF
VS = ±2.5V
ISL28114, ISL28214, ISL28414


Numéro de pièce similaire - ISL28414FBZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28414FBZ INTERSIL-ISL28414FBZ Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28414FBZ RENESAS-ISL28414FBZ Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28414FBZ-T13 RENESAS-ISL28414FBZ-T13 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28414FBZ-T7 RENESAS-ISL28414FBZ-T7 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
More results

Description similaire - ISL28414FBZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com