Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT86RF231-ZU Fiches technique(PDF) 49 Page - ATMEL Corporation

No de pièce AT86RF231-ZU
Description  Low Power 2.4 GHz Transceiver for ZigBee
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF231-ZU Fiches technique(HTML) 49 Page - ATMEL Corporation

Back Button AT86RF231-ZU_09 Datasheet HTML 45Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 46Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 47Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 48Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 49Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 50Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 51Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 52Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 198 page
background image
49
8111C–MCU Wireless–09/09
AT86RF231
7.2.1
State Control
The Extended Operating Mode states RX_AACK and TX_ARET are controlled via register bits
TRX_CMD (register 0x02, TRX_STATE), which receives the state transition commands. The
states are entered from TRX_OFF or PLL_ON state as illustrated by Figure 7-8 on page 48. The
completion of each state change command shall always be confirmed by reading the register
0x01 (TRX_STATUS).
RX_AACK - Receive with Automatic ACK
A state transition to RX_AACK_ON from PLL_ON or TRX_OFF is initiated by writing the com-
mand RX_AACK_ON to the register bits TRX_CMD. The state change can be confirmed by
reading register 0x01 (TRX_STATUS), those changes to RX_AACK_ON or BUSY_RX_AACK
on success. The latter one is returned if a frame is currently about being received.
The RX_AACK state is left by writing command TRX_OFF or PLL_ON to the register bits
TRX_CMD. If the AT86RF231 is within a frame receive or acknowledgment procedure
(BUSY_RX_AACK) the state change is executed after finish. Alternatively, the commands
FORCE_TRX_OFF or FORCE_PLL_ON can be used to cancel the RX_AACK transaction and
change into radio transceiver state TRX_OFF or PLL_ON, respectively.
TX_ARET - Transmit with Automatic Retry and CSMA-CA Retry
Similarly, a state transition to TX_ARET_ON from PLL_ON or TRX_OFF is initiated by writing
command TX_ARET_ON to register bits TRX_CMD. The radio transceiver is in the
TX_ARET_ON state after TRX_STATUS (register 0x01) changes to TX_ARET_ON. The
TX_ARET transaction is started with a rising edge of pin 11 (SLP_TR) or writing the command
TX_START to register bits TRX_CMD.
The TX_ARET state is left by writing the command TRX_OFF or PLL_ON to the register bits
TRX_CMD. If the AT86RF231 is within a CSMA-CA, a frame-transmit or an acknowledgment
procedure (BUSY_TX_ARET) the state change is executed after finish. Alternatively the com-
mand FORCE_TRX_OFF or FORCE_PLL_ON can be used to instantly terminate the TX_ARET
transaction and change into radio transceiver state TRX_OFF or PLL_ON, respectively.
Note
• A state change request from TRX_OFF to RX_AACK_ON or TX_ARET_ON internally passes the state
PLL_ON to initiate the radio transceiver. Thus the readiness to receive or transmit data is delayed
accordingly. It is recommended to use interrupt IRQ_0 (PLL_LOCK) as an indicator.


Numéro de pièce similaire - AT86RF231-ZU_09

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU Datasheet
3Mb / 180P
   Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
More results

Description similaire - AT86RF231-ZU_09

FabricantNo de pièceFiches techniqueDescription
logo
RF Monolithics, Inc
ZMN2405HP RFM-ZMN2405HP Datasheet
326Kb / 6P
   2.4 GHz ZigBee Transceiver Module
logo
Laird Tech Smart Techno...
450-0035 LSTD-450-0035 Datasheet
1Mb / 33P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
ATMEL Corporation
AT86RF231 ATMEL-AT86RF231 Datasheet
3Mb / 180P
   Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
logo
Laird Tech Smart Techno...
450-0075 LSTD-450-0075 Datasheet
1Mb / 46P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230_07 Datasheet
967Kb / 98P
   Low Power 2.4 GHz Radio Transceiver for ZigBee??and IEEE 802.15.4??Applications
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230_09 Datasheet
1Mb / 98P
   Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Dorji Industrial Group ...
DZM5168M DORJI-DZM5168M Datasheet
293Kb / 17P
   2.4-GHz Low Energy Zigbee Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com