Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT86RF231-ZU Fiches technique(PDF) 46 Page - ATMEL Corporation

No de pièce AT86RF231-ZU
Description  Low Power 2.4 GHz Transceiver for ZigBee
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF231-ZU Fiches technique(HTML) 46 Page - ATMEL Corporation

Back Button AT86RF231-ZU_09 Datasheet HTML 42Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 43Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 44Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 45Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 46Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 47Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 48Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 49Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 198 page
background image
46
8111C–MCU Wireless–09/09
AT86RF231
Register 0x02 (TRX_STATE):
The radio transceiver states are controlled via register bits TRX_CMD, which receives the state
transition commands.
This register is used for Basic and Extended Operating Mode, refer to Section 7.2 “Extended
Operating Mode” on page 47.
• Bit [7:5] - TRAC_STATUS
Refer to Section 7.2.7 “Register Description - Control Registers” on page 68.
• Bit [4:0] - TRX_CMD
A write access to register bits TRX_CMD initiate a radio transceiver state transition towards the
new state as defined by the write access:
Notes:
1. FORCE_PLL_ON is not valid for states SLEEP, P_ON, RESET, TRX_OFF, and all *_NOCLK
states, as well as STATE_TRANSITION_IN_PROGRESS towards these states.
2. Extended Operating Mode only, refers to Section 7.2.7 “Register Description - Control Regis-
ters” on page 68.
Bit
7
6
5
43
21
0
+0x02
TRAC_STATUS
TRX_CMD
TRX_STATE
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Reset Value
0
0
0
0
0
0
0
0
Table 7-4.
State Control Command, Register Bits TRX_CMD
Register Bit
Value
State Description
TRX_CMD
0x00
NOP
0x02
TX_START
0x03
FORCE_TRX_OFF
0x04(1)
FORCE_PLL_ON
0x06
RX_ON
0x08
TRX_OFF (CLK Mode)
0x09
PLL_ON (TX_ON)
0x16(2)
RX_AACK_ON
0x19(2)
TX_ARET_ON
All other values are reserved and mapped to NOP


Numéro de pièce similaire - AT86RF231-ZU_09

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU Datasheet
3Mb / 180P
   Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
More results

Description similaire - AT86RF231-ZU_09

FabricantNo de pièceFiches techniqueDescription
logo
RF Monolithics, Inc
ZMN2405HP RFM-ZMN2405HP Datasheet
326Kb / 6P
   2.4 GHz ZigBee Transceiver Module
logo
Laird Tech Smart Techno...
450-0035 LSTD-450-0035 Datasheet
1Mb / 33P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
ATMEL Corporation
AT86RF231 ATMEL-AT86RF231 Datasheet
3Mb / 180P
   Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
logo
Laird Tech Smart Techno...
450-0075 LSTD-450-0075 Datasheet
1Mb / 46P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230_07 Datasheet
967Kb / 98P
   Low Power 2.4 GHz Radio Transceiver for ZigBee??and IEEE 802.15.4??Applications
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230_09 Datasheet
1Mb / 98P
   Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Dorji Industrial Group ...
DZM5168M DORJI-DZM5168M Datasheet
293Kb / 17P
   2.4-GHz Low Energy Zigbee Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com