Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT86RF231-ZU Fiches technique(PDF) 84 Page - ATMEL Corporation

No de pièce AT86RF231-ZU
Description  Low Power 2.4 GHz Transceiver for ZigBee
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF231-ZU Fiches technique(HTML) 84 Page - ATMEL Corporation

Back Button AT86RF231-ZU_09 Datasheet HTML 80Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 81Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 82Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 83Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 84Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 85Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 86Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 87Page - ATMEL Corporation AT86RF231-ZU_09 Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 198 page
background image
84
8111C–MCU Wireless–09/09
AT86RF231
8.1.2.6
Auxiliary Security Header Field
The Auxiliary Security Header specifies information required for security processing and has a
variable length. This field determines how the frame is actually protected (security level) and
which keying material from the MAC security PIB is used (see IEEE 802.15.4-2006, section
7.6.1). This field shall be present only if the Security Enabled subfield b3, see Section 8.1.2.3
“Frame Compatibility between IEEE 802.15.4-2003 and IEEE 802.15.4-2006” on page 83, is set
to one. For details of its structure, see IEEE 802.15.4-2006, section 7.6.2. Auxiliary security
header.
8.1.2.7
MAC Service Data Unit (MSDU)
This is the actual MAC payload. It is usually structured according to the individual frame type. A
description can be found in IEEE 802.15.4-2006, section 5.5.3.2.
8.1.2.8
MAC Footer (MFR) Fields
The MAC footer consists of a two-octet Frame Checksum (FCS), for details refer to Section 8.2
“Frame Check Sequence (FCS)” on page 85.


Numéro de pièce similaire - AT86RF231-ZU_09

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU Datasheet
3Mb / 180P
   Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
More results

Description similaire - AT86RF231-ZU_09

FabricantNo de pièceFiches techniqueDescription
logo
RF Monolithics, Inc
ZMN2405HP RFM-ZMN2405HP Datasheet
326Kb / 6P
   2.4 GHz ZigBee Transceiver Module
logo
Laird Tech Smart Techno...
450-0035 LSTD-450-0035 Datasheet
1Mb / 33P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
ATMEL Corporation
AT86RF231 ATMEL-AT86RF231 Datasheet
3Mb / 180P
   Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
logo
Laird Tech Smart Techno...
450-0075 LSTD-450-0075 Datasheet
1Mb / 46P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230_07 Datasheet
967Kb / 98P
   Low Power 2.4 GHz Radio Transceiver for ZigBee??and IEEE 802.15.4??Applications
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230_09 Datasheet
1Mb / 98P
   Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Dorji Industrial Group ...
DZM5168M DORJI-DZM5168M Datasheet
293Kb / 17P
   2.4-GHz Low Energy Zigbee Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com