Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

930104704 Fiches technique(PDF) 3 Page - ATMEL Corporation

No de pièce 930104704
Description  Rad. Tolerant 128Kx8, 5-Volt Very Low Power CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

930104704 Fiches technique(HTML) 3 Page - ATMEL Corporation

  930104704 Datasheet HTML 1Page - ATMEL Corporation 930104704 Datasheet HTML 2Page - ATMEL Corporation 930104704 Datasheet HTML 3Page - ATMEL Corporation 930104704 Datasheet HTML 4Page - ATMEL Corporation 930104704 Datasheet HTML 5Page - ATMEL Corporation 930104704 Datasheet HTML 6Page - ATMEL Corporation 930104704 Datasheet HTML 7Page - ATMEL Corporation 930104704 Datasheet HTML 8Page - ATMEL Corporation 930104704 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
4151N–AERO–04/09
M65608E
Pin Description
Table 1. Pin Names
Table 2. Truth Table
Note:
L = low, H = high, X = H or L, Z = high impedance.
Names
Description
A0 - A16
Address inputs
I/O0 - I/O7
Data Input/Output
CS1
Chip select 1
CS2
Chip select 2
WE
Write Enable
OE
Output Enable
VCC
Power
GND
Ground
CS1
CS2
W
OE
Inputs/
Outputs
Mode
H
XXX
Z
Deselect/
Power-down
XLX
X
Z
Deselect/
power-down
L
H
H
L
Data Out
Read
L
H
L
X
Data In
Write
L
HHH
Z
Output
Disable


Numéro de pièce similaire - 930104704

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
930105201 ATMEL-930105201 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
930105201 ATMEL-930105201 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
930105202 ATMEL-930105202 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
930105202 ATMEL-930105202 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results

Description similaire - 930104704

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
M65608E ATMEL-M65608E_07 Datasheet
1Mb / 16P
   Rad. Tolerant 128K x 8 5-volts Very Low Power CMOS SRAM
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com