Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA21211 Fiches technique(PDF) 11 Page - Infineon Technologies AG

No de pièce TDA21211
Description  High-Performance DrMOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21211 Fiches technique(HTML) 11 Page - Infineon Technologies AG

Back Button TDA21211 Datasheet HTML 7Page - Infineon Technologies AG TDA21211 Datasheet HTML 8Page - Infineon Technologies AG TDA21211 Datasheet HTML 9Page - Infineon Technologies AG TDA21211 Datasheet HTML 10Page - Infineon Technologies AG TDA21211 Datasheet HTML 11Page - Infineon Technologies AG TDA21211 Datasheet HTML 12Page - Infineon Technologies AG TDA21211 Datasheet HTML 13Page - Infineon Technologies AG TDA21211 Datasheet HTML 14Page - Infineon Technologies AG TDA21211 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Gate Driver Timing Diagrams
PWM
GL
GH
1 V
1 V
Three State
VPWM_L
T_pdhl
T_tsshd
T_pdll
T_pdhu
T_pdlu
VPWM_H
VPWM_H
VPWM_L
T_tsshd
T_pts
T_pts
VSWH
Note
: VSWH during entering/exit to tri-
state behaves accordingly to inductor
current.
Figure 5: Adaptive Gate Driver Timing Diagram
Data Sheet
Page 11 of 20
TDA21211


Numéro de pièce similaire - TDA21211

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TDA21201 INFINEON-TDA21201 Datasheet
754Kb / 15P
   Integrated Switch(MOSFET Driver and MOSFETs)
Apr-29, 2002
TDA21201-B7 INFINEON-TDA21201-B7 Datasheet
754Kb / 15P
   Integrated Switch(MOSFET Driver and MOSFETs)
Apr-29, 2002
TDA21201-P7 INFINEON-TDA21201-P7 Datasheet
754Kb / 15P
   Integrated Switch(MOSFET Driver and MOSFETs)
Apr-29, 2002
TDA21201-S7 INFINEON-TDA21201-S7 Datasheet
754Kb / 15P
   Integrated Switch(MOSFET Driver and MOSFETs)
Apr-29, 2002
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
   High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
More results

Description similaire - TDA21211

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ZSPM9010 IDT-ZSPM9010 Datasheet
851Kb / 29P
   Ultra-Compact, High-Performance DrMOS Device
logo
Vishay Siliconix
SIC778A VISHAY-SIC778A Datasheet
719Kb / 13P
   High Performance DrMOS ??Integrated Power Stage
Rev. B, 21-May-12
logo
Renesas Technology Corp
ZSPM9010 RENESAS-ZSPM9010 Datasheet
1Mb / 30P
   Ultra-Compact, High-Performance DrMOS Device
January 25, 2016
logo
Vishay Siliconix
SIC778A VISHAY-SIC778A_V01 Datasheet
728Kb / 13P
   High Performance DrMOS ??Integrated Power Stage
08-Feb-17
logo
Anpec Electronics Corop...
APW8706 ANPEC-APW8706 Datasheet
360Kb / 19P
   High-Performance, High-Current DrMOS Power Module
APW8707A ANPEC-APW8707A Datasheet
331Kb / 19P
   High-Performance, High-Current DrMOS Power Module
APW8703 ANPEC-APW8703 Datasheet
313Kb / 18P
   High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5612BQI AOSMD-AOZ5612BQI Datasheet
2Mb / 17P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.1 May 2021
AOZ5019 AOSMD-AOZ5019 Datasheet
616Kb / 13P
   High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703_17 Datasheet
361Kb / 19P
   High-Performance, High-Current DrMOS Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com