Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM24VN02-GTR Fiches technique(PDF) 10 Page - Ramtron International Corporation

No de pièce FM24VN02-GTR
Description  256Kb Serial 3V F-RAM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24VN02-GTR Fiches technique(HTML) 10 Page - Ramtron International Corporation

Back Button FM24VN02-GTR Datasheet HTML 6Page - Ramtron International Corporation FM24VN02-GTR Datasheet HTML 7Page - Ramtron International Corporation FM24VN02-GTR Datasheet HTML 8Page - Ramtron International Corporation FM24VN02-GTR Datasheet HTML 9Page - Ramtron International Corporation FM24VN02-GTR Datasheet HTML 10Page - Ramtron International Corporation FM24VN02-GTR Datasheet HTML 11Page - Ramtron International Corporation FM24VN02-GTR Datasheet HTML 12Page - Ramtron International Corporation FM24VN02-GTR Datasheet HTML 13Page - Ramtron International Corporation FM24VN02-GTR Datasheet HTML 14Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
FM24V02 - 256Kb I2C FRAM
Rev. 0.1
Mar. 2009
Page 10 of 15
Unique Serial Number (FM24VN02 only)
The FM24VN02 device also incorporates a read-only
8-byte serial number. It can be used to uniquely
identify a pc board or system. The serial number
includes a 40-bit unique number, an 8-bit CRC, and a
16-bit number that can be defined upon request by
the customer. If a customer-specific number is not
requested, the 16-bit Customer Identifier is 0x0000.
The 8 bytes of data are accessed via a Slave Address
sequence similar to the Device ID. The serial number
can be read by the system as follows:
1. The master sends a START command
2. The master sends Reserved Slave ID 0xF8
3. The master sends the I2C-bus slave address of
the slave device it needs to identify. The last
two bits are ‘Don’t care’ values. Only one
device must acknowledge this byte (the one
that has the I2C-bus slave address).
4. The master sends a Re-START command
5. The master sends Reserved Slave ID 0xCD to
read the serial number.
6. The master ends the serial number read
sequence by NACKing the last byte, thus
resetting the slave device state machine and
allowing the master to send the STOP
command.
The 8-bit CRC value can be used to compare to the
value calculated by the controller. If the two values
match, then the communication between slave and
master was performed without errors.
CUSTOMER IDENTIFIER *
40-bit UNIQUE NUMBER
8-bit CRC
SN(63:56)
SN(55:48)
SN(47:40)
SN(39:32)
SN(31:24)
SN(23:16)
SN(15:8)
SN(7:0)
* Contact factory for requesting a customer identifier number.
Figure 15. 8-Byte Serial Number (read-only)
S
A
Data Byte 7
1
P
By Master
By FM24VN05
Start
Address
Stop
No
Acknowledge
Data
S
A
Rsvd Slave ID (F8)
Slave Address
A
Start
Address
Acknowledge
Rsvd Slave ID (CD)
A
A
Data Byte 0
Acknowledge
Figure 16. Read Serial Number


Numéro de pièce similaire - FM24VN02-GTR

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM24VN02-GTR RAMTRON-FM24VN02-GTR Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24VN02-GTR CYPRESS-FM24VN02-GTR Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
More results

Description similaire - FM24VN02-GTR

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02_10 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02 CYPRESS-FM25V02_13 Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com