Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FWLF1634Ry39 Fiches technique(PDF) 2 Page - Finisar Corporation.

No de pièce FWLF1634Ry39
Description  4Gbps Long-Reach DWDM SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FINISAR [Finisar Corporation.]
Site Internet  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1634Ry39 Fiches technique(HTML) 2 Page - Finisar Corporation.

  FWLF1634Ry39 Datasheet HTML 1Page - Finisar Corporation. FWLF1634Ry39 Datasheet HTML 2Page - Finisar Corporation. FWLF1634Ry39 Datasheet HTML 3Page - Finisar Corporation. FWLF1634Ry39 Datasheet HTML 4Page - Finisar Corporation. FWLF1634Ry39 Datasheet HTML 5Page - Finisar Corporation. FWLF1634Ry39 Datasheet HTML 6Page - Finisar Corporation. FWLF1634Ry39 Datasheet HTML 7Page - Finisar Corporation. FWLF1634Ry39 Datasheet HTML 8Page - Finisar Corporation. FWLF1634Ry39 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
F i n i s a r
© Finisar Corporation
PRELIMINARY
Page 2
Rev C2, Feb.2009
PRODUCT SELECTION
FWLF1634Ryxx
L
Non Rate Selectable - 4x Fibre Channel
V
Rate Selectable - 1x, 2x, Fibre Channel, Gigabit Ethernet
xx
DWDM Wavelength (see table below)
y
Product Code
Frequency (THz)
Center Wavelength (nm)
FWLF1634Ry17
191.7
1563.86
FWLF1634Ry18
191.8
1563.05
FWLF1634Ry19
191.9
1562.23
FWLF1634Ry20
192.0
1561.42
FWLF1634Ry21
192.1
1560.61
FWLF1634Ry22
192.2
1559.79
FWLF1634Ry23
192.3
1558.98
FWLF1634Ry24
192.4
1558.17
FWLF1634Ry25
192.5
1557.36
FWLF1634Ry26
192.6
1556.55
FWLF1634Ry27
192.7
1555.75
FWLF1634Ry28
192.8
1554.94
FWLF1634Ry29
192.9
1554.13
FWLF1634Ry30
193.0
1553.33
FWLF1634Ry31
193.1
1552.52
FWLF1634Ry32
193.2
1551.72
FWLF1634Ry33
193.3
1550.92
FWLF1634Ry34
193.4
1550.12
FWLF1634Ry35
193.5
1549.32
FWLF1634Ry36
193.6
1548.51
FWLF1634Ry37
193.7
1547.72
FWLF1634Ry38
193.8
1546.92
FWLF1634Ry39
193.9
1546.12
FWLF1634Ry40
194.0
1545.32
FWLF1634Ry41
194.1
1544.53
FWLF1634Ry42
194.2
1543.73
FWLF1634Ry43
194.3
1542.94
FWLF1634Ry44
194.4
1542.14
FWLF1634Ry45
194.5
1541.35
FWLF1634Ry46
194.6
1540.56
FWLF1634Ry47
194.7
1539.77
FWLF1634Ry48
194.8
1538.98
FWLF1634Ry49
194.9
1538.19
FWLF1634Ry50
195.0
1537.40
FWLF1634Ry51
195.1
1536.61
FWLF1634Ry52
195.2
1535.82
FWLF1634Ry53
195.3
1535.04
FWLF1634Ry54
195.4
1534.25
FWLF1634Ry55
195.5
1533.47
FWLF1634Ry56
195.6
1532.68
FWLF1634Ry57
195.7
1531.90
FWLF1634Ry58
195.8
1531.12
FWLF1634Ry59
195.9
1530.33
FWLF1634Ry60
196.0
1529.55
FWLF1634Ry61
196.1
1528.77


Numéro de pièce similaire - FWLF1634Ry39

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL17 FINISAR-FWLF1634RL17 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RL18 FINISAR-FWLF1634RL18 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RL19 FINISAR-FWLF1634RL19 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RL20 FINISAR-FWLF1634RL20 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
More results

Description similaire - FWLF1634Ry39

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FWLF1634RL17 FINISAR-FWLF1634RL17 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com