Moteur de recherche de fiches techniques de composants électroniques |
|
FWLF1634Ry23 Fiches technique(PDF) 5 Page - Finisar Corporation. |
|
FWLF1634Ry23 Fiches technique(HTML) 5 Page - Finisar Corporation. |
5 / 10 page FWLF1634Ryxx DWDM SFP Preliminary Product Specification – February 2009 F i n i s a r © Finisar Corporation PRELIMINARY Page 5 Rev C2, Feb.2009 IV. Low Speed Signals Parameter Symbol Min Typ Max Units Notes/Conditions RX_LOS Assert Level -42 -36 dBm RX_LOS De-assert Level -34 -28 dBm RX_LOS Hysteresis 0.5 2 dB RX_LOS Assert Delay t_loss_on 100 µsec From detection of loss of signal to assertion of RX_LOS RX_LOS Negate Delay t_loss_off 100 µsec From detection of presence of signal to negation of RX_LOS TX_DISABLE Assert Time t_off 10 µsec Rising edge of TX_DISABLE to fall of output signal below 10% of nominal TX_DISABLE Negate Time t_on 1000 µsec Falling edge of TX_DISABLE to rise of output signal above 90% of nominal. Time indicated is under steady-state temperature conditions. TX_DISABLE Reset Time t_reset 10 µsec TX_DISABLE HIGH before TX_DISABLE set LOW TX_FAULT Assert -0.2 +0.2 nm TX_Fault will assert before the device is outside of specified wavelength range |
Numéro de pièce similaire - FWLF1634Ry23 |
|
Description similaire - FWLF1634Ry23 |