Moteur de recherche de fiches techniques de composants électroniques |
|
FWDM-1619-7D-57 Fiches technique(PDF) 10 Page - Finisar Corporation. |
|
FWDM-1619-7D-57 Fiches technique(HTML) 10 Page - Finisar Corporation. |
10 / 10 page FWDM-1619-7D-xx SFP Product Specification May 2003 F i n i s a r © Finisar Corporation May 2003 Rev.D Page 10 XI. References 1. Small Form Factor Pluggable (SFP) Transceiver Multi-Source Agreement (MSA), September 2000. Documentation is currently available at Finisar upon request. 2. IEEE Std 802.3. IEEE Standards Department, 2000. (*) 3. “Fibre Channel Draft Physical Interface Specification (FC-PI 10.0)”. American National Standard for Information Systems. (*) (*) Neither IEEE 802.3 nor FC-PI 10.0 specifies a 16xx nm DFB single mode interface. The FWDM-1619-7D-xx complies with these specifications except for the following optical parameters, which have different values: transmitter wavelength, receiver sensitivity, and transmit output power. See Section IV for details. XII. For More Information Finisar Corporation 1308 Moffett Park Drive Sunnyvale, CA 94089-1133 Tel. 1-408-548-1000 Fax 1-408-541-6138 sales@finisar.com www.finisar.com |
Numéro de pièce similaire - FWDM-1619-7D-57 |
|
Description similaire - FWDM-1619-7D-57 |