Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3033KS Fiches technique(PDF) 3 Page - Sanken electric

No de pièce SI-3033KS
Description  Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3033KS Fiches technique(HTML) 3 Page - Sanken electric

  SI-3033KS Datasheet HTML 1Page - Sanken electric SI-3033KS Datasheet HTML 2Page - Sanken electric SI-3033KS Datasheet HTML 3Page - Sanken electric SI-3033KS Datasheet HTML 4Page - Sanken electric SI-3033KS Datasheet HTML 5Page - Sanken electric SI-3033KS Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
sReference Data
Thermal resistance vs. Copper area
Power dissipation vs. Copper area
sExample of Solder Pattern Design
Symbol
Dimensions (mm)
e1
5.72
e
1.27
±0.15
α
0.2
β1
0.2 to 0.5
β2
0.2
L
0.6
b2
0.76
l2
L+
β1+β2
*1 The inner frame stage on which a monolithic IC is mounted is
directly connected to the GND pins (pins 5 through 8). By
expanding the area of the copper connected to the GND pins,
the heat radiation can be improved. It is recommended to
design the solder pattern by opening the insulation film of the
solder patterns of pins 5, 6, 7, and 8, on the wide GND
pattern as shown in Figure 1.
(Reference value conforming to EIAJ
Standard ED-7402-1)
• Calculating junction temperature
Measure the temperature TL of the lead of the GND pin (pin 7) by using a thermocouple, and substitute the
measured value into the following expression to calculate the junction temperature.
Tj=PD
× θj–L + TL
(
θj–L = 22°C/W)
qSI-3000KS Series
L
e
L
L
α
B1
B2
e
e1
b
e
ee
e
e1
l2
b2
*1
Figure 1
ee
e
8
GND pattern
1
7
2
6
3
5
b2
e1
l2
4
Copper area (mm2)
10
100
140
120
100
80
60
40
1000
Area of PC board : 40
×40mm
Copper area (mm2)
10
100
1.2
1
0.8
0.6
0.4
0.2
0
1000
Tj=100
°C Area of PC board : 40×40mm
Ta=25
°C
Ta=50
°C
Ta=80
°C


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn