Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3025KS Fiches technique(PDF) 5 Page - Sanken electric

No de pièce SI-3025KS
Description  Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3025KS Fiches technique(HTML) 5 Page - Sanken electric

  SI-3025KS Datasheet HTML 1Page - Sanken electric SI-3025KS Datasheet HTML 2Page - Sanken electric SI-3025KS Datasheet HTML 3Page - Sanken electric SI-3025KS Datasheet HTML 4Page - Sanken electric SI-3025KS Datasheet HTML 5Page - Sanken electric SI-3025KS Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
sTypical Characteristics Examples of SI-3012KS and SI-3025KS
(Ta=25
°C) *Vout=2.5 V for SI-3012KS (RS=24 kΩ)
Dropout voltage
Rise characteristics
Line regulation
Load regulation
Overcurrent protection characteristics
Input voltage vs. Quiescent current
Circuit current
Control terminal voltage vs. Output voltage
Control terminal voltage vs. Control terminal current
qSI-3000KS Series
1
0.8
0.6
0.4
0.2
0
0.2
0.4
Output current A
0.6
0.8
1
3
2
1
01
2
3
4
Input voltage V
IO=0 to 1A
0.25A step
2.54
2.52
2.50
2.48
2.46
2.44
2.42
2.40
02
4
6
8
10
Input voltage V
IO=0 to 1A
0.25A step
2.52
2.50
2.48
2.46
2.44
2.42
2.40
0
0.2
0.4
Output current A
0.6
0.8
1
VIN=3.3V
4V
5V
6V
8V
3
2
1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Output current A
VIN=3.3V
4V
5V
6V
0
2
4
6
8
1012141618
600
500
400
300
200
100
Input voltage V
IO=0A
VC=2V
60
40
20
02
4
6
8
Input voltage V
IO=1A
0.75A
0.25A
0.5A
0A
3
2
1
0
0.5
1
1.5
2
Control ternimal voltage V
IO=0A
30
20
25
15
5
10
01
2
3
4
Control terminal voltage V


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn