Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3033KM Fiches technique(PDF) 11 Page - Sanken electric

No de pièce SI-3033KM
Description  Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3033KM Fiches technique(HTML) 11 Page - Sanken electric

Back Button SI-3033KM Datasheet HTML 4Page - Sanken electric SI-3033KM Datasheet HTML 5Page - Sanken electric SI-3033KM Datasheet HTML 6Page - Sanken electric SI-3033KM Datasheet HTML 7Page - Sanken electric SI-3033KM Datasheet HTML 8Page - Sanken electric SI-3033KM Datasheet HTML 9Page - Sanken electric SI-3033KM Datasheet HTML 10Page - Sanken electric SI-3033KM Datasheet HTML 11Page - Sanken electric SI-3033KM Datasheet HTML 12Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
14
sSI-3090KM Typical Characteristics
(Ta=25
°C)
Dropout Voltage
Output Rise Characteristics
Line Regulation
Load Regulation
Overcurrent Protection Characteristics
Quiescent Circuit Current
Circuit Current
Output ON/OFF Control
Output ON/OFF Control Current
0.6
0.4
0.2
0
0.2
0.4
Output Current IO (A)
0.6
0.8
1
0
4
28
10
612
2
4
6
8
10
Input Voltage VIN (V)
IO=0 to 1A
0.2A step
Input Voltage VIN (V)
9.04
9.02
9.00
8.98
8.96
8.94
8.92
8
10
12
14
16
18
20
22
24
IO=0 to 1A
0.2A step
9.04
9.00
8.96
8.92
9.02
8.98
8.94
0
0.2
0.4
Output Current IO (A)
0.6
0.8
1
VIN=10V
11V
12V
15V
18V
20V
2
4
6
8
10
0
0.5
1.0
1.5
2.0
Output Current IO (A)
28V
25V
30V
VIN=10V
11V
12V
15V
20V
0
10
20
30
200
400
600
800
Input Voltage VIN (V)
IO=0A
VC=2V
0
510
15
20
80
60
40
20
Input Voltage VIN (V)
IO=1A
0.8A
0.4A
0.6A
0.2A
0A
2
4
6
8
10
01
2
3
4
VC Terminal Control Voltage VC (V)
VIN=11V
IO=0.01A
30
20
10
25
15
5
01
2
3
4
VC Terminal Control Voltage VC (V)
VIN=11V
Thermal Protection Characteristics
Overinput Voltage Protection Characteristics
0
40
80
120
160 180
2
4
6
8
10
Junction Temperature Tj (
°C)
VIN=11V
IO=0.01A
010
20
30
40
2
4
6
8
10
Input Voltage VIN (V)
VIN=11V
IO=0.01A
qSI-3000KM Series


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn