Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS386040RGPT Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS386040RGPT
Description  Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS386040RGPT Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS386040RGPT Datasheet HTML 4Page - Texas Instruments TPS386040RGPT Datasheet HTML 5Page - Texas Instruments TPS386040RGPT Datasheet HTML 6Page - Texas Instruments TPS386040RGPT Datasheet HTML 7Page - Texas Instruments TPS386040RGPT Datasheet HTML 8Page - Texas Instruments TPS386040RGPT Datasheet HTML 9Page - Texas Instruments TPS386040RGPT Datasheet HTML 10Page - Texas Instruments TPS386040RGPT Datasheet HTML 11Page - Texas Instruments TPS386040RGPT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TPS386000
TPS386040
(ThermalPad)
CT4
CT3
CT1
NC
VREF
1
2
3
4
5
15
14
13
12
11
CT2
GND
MR
VCC
RESET1
TPS386020
TPS386060
CT4
CT3
CT1
NC
VREF
1
2
3
4
5
15
14
13
12
11
CT2
GND
MR
VCC
RESET1
(ThermalPad)
TPS386000, TPS386020
TPS386040, TPS386060
SBVS105 –SEPTEMBER 2009......................................................................................................................................................................................... www.ti.com
PIN CONFIGURATIONS
RGP PACKAGE
QFN-20
(TOP VIEW)
PIN ASSIGNMENTS
PIN
NAME
NO.
DESCRIPTION
VCC
14
Supply voltage. Connecting a 0.1μF ceramic capacitor close to this pin is recommended.
GND
12
Ground
When the voltage at this terminal drops below the
SENSE1
10
Monitor voltage input to SVS-1
threshold voltage (VITN), RESET1 is asserted.
When the voltage at this terminal drops below the
SENSE2
9
Monitor voltage input to SVS-2
threshold voltage (VITN), RESET2 is asserted.
When the voltage at this terminal drops below the
SENSE3
8
Monitor voltage input to SVS-3
threshold voltage (VITN), RESET3 is asserted.
Falling monitor voltage input to SVS-4. When the voltage at this terminal drops below the threshold
SENSE4L
7
voltage (VITN), RESET4 or RESET4 is asserted.
Rising monitor voltage input to SVS-4. When the voltage at this terminal exceeds the threshold voltage
SENSE4H
6
(VITP), RESET4 or RESET4 is asserted. This pin can also be used to monitor the negative voltage rail
in combination with VREF pin.
CT1
5
Reset delay programming pin for SVS-1
Connecting this pin to VCC through a 40kΩ to
200kΩ resistor, or leaving it open, selects a fixed
CT2
4
Reset delay programming pin for SVS-2
delay time (see the Electrical Characteristics).
CT3
3
Reset delay programming pin for SVS-3
Connecting a capacitor > 220pF between this pin
and GND selects the programmable delay time
CT4
2
Reset delay programming pin for SVS-4
(see the Reset Delay Time section).
Reference voltage output. By connecting a resistor network between this pin and the negative power
rail, SENSE4H can monitor the negative power rail. This pin is intended to only source current into
VREF
13
resistor(s). Do not connect only capacitors and do not connect resistor(s) to a higher voltage than this
pin.
MR
1
Manual reset input for SVS-1. Logic low level of this pin asserts RESET1 or RESET1.
Watchdog timer (WDT) trigger input. Inputting either a positive or negative logic edge every 610ms (typ)
WDI
20
prevents WDT time out at the WDO or WDO pin. Timer starts from releasing event of RESET1 or
RESET1.
NC
11
Not connected. It is recommended to connect this pin to the GND pin (pin 12), which is next to this pin.
This is the IC substrate. This pad must be connected only to GND or to the floating thermal pattern on
(Thermal Pad)
(PAD)
the printed circuit board (PCB).
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS386000 TPS386020 TPS386040 TPS386060


Numéro de pièce similaire - TPS386040RGPT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1 Datasheet
764Kb / 25P
[Old version datasheet]   Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
TPS386000QRGPRQ1 TI1-TPS386000QRGPRQ1 Datasheet
764Kb / 25P
[Old version datasheet]   Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
TPS386000QRGPRQ1 TI1-TPS386000QRGPRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
More results

Description similaire - TPS386040RGPT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1 Datasheet
764Kb / 25P
[Old version datasheet]   Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive Window Watchdog Timer with Programmable Reset Delay
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
logo
Allegro MicroSystems
A4410 ALLEGRO-A4410 Datasheet
1Mb / 41P
   Programmable watchdog timer with a 30 ms activation delay
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
   Programmable watchdog timer
September 2013 Rev 7
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com