Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60151DRVR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60151DRVR
Description  TPS60151 5V/140mA Charge Pump Device
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS60151DRVR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS60151DRVR Datasheet HTML 7Page - Texas Instruments TPS60151DRVR Datasheet HTML 8Page - Texas Instruments TPS60151DRVR Datasheet HTML 9Page - Texas Instruments TPS60151DRVR Datasheet HTML 10Page - Texas Instruments TPS60151DRVR Datasheet HTML 11Page - Texas Instruments TPS60151DRVR Datasheet HTML 12Page - Texas Instruments TPS60151DRVR Datasheet HTML 13Page - Texas Instruments TPS60151DRVR Datasheet HTML 14Page - Texas Instruments TPS60151DRVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
NORMAL MODE AND SKIP MODE OPERATION
t
t
t
t
VOUT
GateWaveform
OfQ1 Transistor
Loadcurrent
Noload
Startup
Waveform
SkipModeat
NoLoadCondition
NormalModeat
50 mA LoadCurrent
SkipModeat
NoLoadCondition
QuiescentCurrent
90 A
m
4.7mA
50mA
5V+0.1V
5V
TPS60151
www.ti.com ......................................................................................................................................................................................... SLVSA02 – SEPTEMBER 2009
Figure 24. Normal Mode and Skip Mode Operation
The TPS60151 has skip mode operation as shown in Figure 24. The TPS60151 enters skip mode if the output
voltage reaches 5V+0.1V and the load current is below 8mA (typ). In Skip Mode, the TPS60151 disables the
oscillator and decreases the pre-bias current of the output stage to reduce the power consumption. Once the
output voltage dips below threshold voltage, 5V+0.1V, the TPS60151 begins switching to increase output voltage
until the output reaches 5V+0.1V. When the output voltage dips below 5V, the TPS60151 returns to normal PWM
mode; thereby re-enabling the oscillator and increasing the pre_bias current of the output stage to supply output
current.
The skip threshold voltage and current depend on input voltage and output current conditions.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS60151


Numéro de pièce similaire - TPS60151DRVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60151 TI-TPS60151_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS60151 5-V and 140-mA Charge Pump
More results

Description similaire - TPS60151DRVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60150 TI-TPS60150_09 Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
TPS60150 TI-TPS60150 Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
logo
Will Semiconductor Ltd.
WD3168E WILLSEMI-WD3168E Datasheet
714Kb / 10P
   5V/300mA Charge Pump Device
logo
Texas Instruments
TPS60151 TI-TPS60151_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS60151 5-V and 140-mA Charge Pump
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
   Regulated 5V Charge Pump
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
   Regulated Charge Pump 5V 100mA
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
Advanced Analogic Techn...
AAT3125 ANALOGICTECH-AAT3125 Datasheet
181Kb / 12P
   USB OTG 5V Charge Pump
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com