Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54326 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54326
Description  4.5V to 18V Input 3-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54326 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS54326 Datasheet HTML 7Page - Texas Instruments TPS54326 Datasheet HTML 8Page - Texas Instruments TPS54326 Datasheet HTML 9Page - Texas Instruments TPS54326 Datasheet HTML 10Page - Texas Instruments TPS54326 Datasheet HTML 11Page - Texas Instruments TPS54326 Datasheet HTML 12Page - Texas Instruments TPS54326 Datasheet HTML 13Page - Texas Instruments TPS54326 Datasheet HTML 14Page - Texas Instruments TPS54326 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TPS54326
www.ti.com
SLVSA13A – OCTOBER 2009 – REVISED OCTOBER 2009
DESIGN GUIDE
Step By Step Design Procedure
This example details the design of a switching regulator design using ceramic output capacitors.
This design is available as the HPA540 evaluation module (EVM). A few parameters must be known in order to
start the design process. These parameters are typically determined on the system level. For this example,
start with the following known parameters:
Input voltage range = 4.5 - 18 V
Output voltage = 1.05 V
Output current = 3 A
Output voltage ripple = 3% of output voltage, 31.5 mV
Figure 13 shows the schematic diagram for this design example.
Figure 13. Schematic
Output Inductor Selection
The inductance value is selected to provide approximately 30% peak-to-peak ripple current at maximum load.
Larger ripple current increases output ripple voltage, improves S/N ratio and contributes to stable operation.
Smaller ripple currents result in lower output voltage ripple. When using low ESR output capacitors output ripple
voltage is usually low, so larger ripple currents are acceptable. The coefficient Kind represents the percentage of
ripple current. The value of Kind must not be greater than 0.4. Use 0.3 when using low ESR output capacitors.
Equation 3 can be used to calculate L1. Use 700 kHz for fSW. Make sure the chosen inductor is rated for the
peak current of Equation 5 and the RMS current of Equation 6.
Copyright © 2009, Texas Instruments Incorporated
11
Product Folder Link(s): TPS54326


Numéro de pièce similaire - TPS54326

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54326 TI1-TPS54326 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
TPS54326PWP TI1-TPS54326PWP Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
TPS54326PWPR TI1-TPS54326PWPR Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
TPS54326RGTR TI1-TPS54326RGTR Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
TPS54326RGTT TI1-TPS54326RGTT Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
More results

Description similaire - TPS54326

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54226 TI-TPS54226 Datasheet
725Kb / 21P
[Old version datasheet]   4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI1-TPS54225 Datasheet
849Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54226 TI1-TPS54226_17 Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54329 TI1-TPS54329 Datasheet
757Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com