Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD75204W15 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce CSD75204W15
Description  Dual P-Channel NexFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CSD75204W15 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button CSD75204W15 Datasheet HTML 3Page - Texas Instruments CSD75204W15 Datasheet HTML 4Page - Texas Instruments CSD75204W15 Datasheet HTML 5Page - Texas Instruments CSD75204W15 Datasheet HTML 6Page - Texas Instruments CSD75204W15 Datasheet HTML 7Page - Texas Instruments CSD75204W15 Datasheet HTML 8Page - Texas Instruments CSD75204W15 Datasheet HTML 9Page - Texas Instruments CSD75204W15 Datasheet HTML 10Page - Texas Instruments CSD75204W15 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CSD75204W15
ACTIVE
DSBGA
YZF
9
3000
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
11-Nov-2009
Addendum-Page 1


Numéro de pièce similaire - CSD75204W15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD75204W15 TI-CSD75204W15 Datasheet
151Kb / 9P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
CSD75204W15 TI-CSD75204W15_10 Datasheet
151Kb / 9P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
More results

Description similaire - CSD75204W15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD75204W15 TI-CSD75204W15_10 Datasheet
151Kb / 9P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
CSD75211W1723 TI-CSD75211W1723_11 Datasheet
339Kb / 8P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
CSD75207W15 TI-CSD75207W15 Datasheet
1Mb / 12P
[Old version datasheet]   Dual P-Channel NexFET Power MOSFET
CSD75211W1723 TI-CSD75211W1723 Datasheet
415Kb / 10P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
CSD25213W10 TI-CSD25213W10 Datasheet
1Mb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD25302Q2 TI-CSD25302Q2 Datasheet
138Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25211W1015 TI-CSD25211W1015 Datasheet
789Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25301W1015 TI1-CSD25301W1015 Datasheet
484Kb / 11P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25303W1015 TI1-CSD25303W1015 Datasheet
223Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD22202W15 TI-CSD22202W15 Datasheet
999Kb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com