Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD16301Q2 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD16301Q2
Description  N-Channel NexFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CSD16301Q2 Fiches technique(HTML) 5 Page - Texas Instruments

  CSD16301Q2 Datasheet HTML 1Page - Texas Instruments CSD16301Q2 Datasheet HTML 2Page - Texas Instruments CSD16301Q2 Datasheet HTML 3Page - Texas Instruments CSD16301Q2 Datasheet HTML 4Page - Texas Instruments CSD16301Q2 Datasheet HTML 5Page - Texas Instruments CSD16301Q2 Datasheet HTML 6Page - Texas Instruments CSD16301Q2 Datasheet HTML 7Page - Texas Instruments CSD16301Q2 Datasheet HTML 8Page - Texas Instruments CSD16301Q2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC − Case Temperature − °C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
−75
−25
25
75
125
175
G007
ID = 4A
VGS = 4.5V
0.0
0.2
0.4
0.6
0.8
1.0
VSD − Source to Drain Voltage − V
G008
TC = 25°C
10
1
0.01
0.0001
0.001
0.1
TC = 125°C
t(AV) − Timein Avalanche − ms
10
1
100
0.01
0.1
10
100
1
T
=25 C
C
o
T
=125 C
C
o
G009
10
0.01
1
100
0.1
0.01
0.1
10
100
1
100 s
m
10ms
100ms
1s
DC
AreaLimited
byRDS(on)
1ms
V -DrainVoltage-V
D
SinglePulse
TypicalR
=177 C/W(minCu)
qJA
o
TC − Case Temperature − C
°
0
1
2
3
4
5
−50
−25
0
25
50
75
100
125
150
175
G011
6
CSD16301Q2
www.ti.com.............................................................................................................................................................................................. SLPS235 – OCTOBER 2009
TYPICAL MOSFET CHARACTERISTICS (continued)
TA = 25°C, unless otherwise specified
Figure 8. Normalized On-State Resistance vs. Temperature
Figure 9. Typical Diode Forward Voltage
Figure 10. Maximum Safe Operating Area
Figure 11.
Figure 12. Maximum Drain Current vs. Temperature
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CSD16301Q2


Numéro de pièce similaire - CSD16301Q2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results

Description similaire - CSD16301Q2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD18509Q5B TI1-CSD18509Q5B_16 Datasheet
464Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16342Q5A TI-CSD16342Q5A Datasheet
2Mb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com