Moteur de recherche de fiches techniques de composants électroniques |
|
1N4734 Fiches technique(PDF) 1 Page - Daya Electric Group Co., Ltd. |
|
1N4734 Fiches technique(HTML) 1 Page - Daya Electric Group Co., Ltd. |
1 / 4 page 1N4727...1N4764 SILICON PLANAR POWER ZENER DIODES for use in stabilizing and clipping circuits with high power rating. Standard zener voltage tolerance is ±10%. Add suffix "A" for ±5% tolerance and suffix "B" for ±2% tolerance. Other tolerances are available upon request. Absolute Maximum Ratings (Ta = 25 OC) Parameter Symbol Value Unit Power Dissipation Ptot 1 1) W Junction Temperature Tj 200 O C Storage Temperature Range TS - 65 to + 200 O C 1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature. Characteristics at Ta = 25 OC Parameter Symbol Max. Unit Thermal Resistance Junction to Ambient Air RthA 170 1) K/W Forward Voltage at IF = 200 mA VF 1.2 V 1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature. Max. 4.2 Max. 2.8 Glass Case DO-41 Max. 0.7 Min. 25.4 Min. 25.4 XXX Cathode Band Part No. Dimensions in mm Black Black |
Numéro de pièce similaire - 1N4734 |
|
Description similaire - 1N4734 |