Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC13821 Fiches technique(PDF) 3 Page - Freescale Semiconductor, Inc

No de pièce MC13821
Description  Low Noise Amplifier with Bypass Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13821 Fiches technique(HTML) 3 Page - Freescale Semiconductor, Inc

  MC13821 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Electrical Specifications
MC13821 Data Sheet: Technical Data, Rev. 1.5
Freescale Semiconductor
3
2
Electrical Specifications
Table 1. Maximum Ratings
Ratings
Symbol
Minimum
Typical
Maximum
Unit
Supply Voltage
VCC
2.72.753.3
V
Storage Temperature Range
Tstg
-65
25
150
°C
Operating Ambient Temperature Range
TA
-30
25
85
°C
RF Input Power
Prf
-30
10
dBm
Power Dissipation
Pdis
100
mW
Thermal Resistance, Junction to Case
RθJC
24
24
24
C/W
Thermal Resistance, Junction to Ambient, 4 Layer Board
RθJA
90
90
90
C/W
NOTES: 1. Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Recommended Operating
Conditions and Electrical Characteristics tables.
2. ESD (electrostatic discharge) immunity meets Human Body Model (HBM)
≤200 V, Charge Device Model (CDM) ≤450 V, and
Machine Model (MM)
≤50 V. Additional ESD data available upon request.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Minimum
Typical
Maximum
Unit
RF Frequency range
fRF
1000
2400
MHz
Supply Voltage
VCC
2.7
2.75
3
V
Logic Voltage
Input High Voltage
Input Low Voltage
1.25
0
1.8
0
VCC
0.8
V
Table 3. Electrical Characteristics
(VCC = 2.75 V, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Minimum
Typical
Maximum
Unit
Insertion Gain
R1=1.2 k
Ω, Freq=1.960 GHz
R1=1.2 k
Ω, Freq=2.14 GHz
R1=2 k
Ω, Freq=1.960 GHz
R1=2 k
Ω, Freq=2.14 GHz
|S21|2
15.0
14.5
13.3
13
16.0
15.6
14.3
14.2
17.0
16.5
15.3
15.2
dB
Maximum Stable Gain and/or Maximum Available Gain1
R1=1.2 k
Ω, Freq=1.960 GHz
R1=1.2 k
Ω, Freq=2.14 GHz
R1=2 k
Ω, Freq=1.960 GHz
R1=2 k
Ω, Freq=2.14 GHz
MSG, MAG
20.0
19.5
19.5
19.5
21.0
20.5
20.5
19.8
22.0
21.5
21.5
21.0
dB
Minimum Noise Figure
R1=1.2 k
Ω, Freq=1.960 GHz
R1=1.2 k
Ω, Freq=2.14 GHz
R1=2 k
Ω, Freq=1.960 GHz
R1=2 k
Ω, Freq=2.14 GHz
NFmin
0.9
0.9
0.9
0.9
1.01
0.96
1.01
0.96
1.1
1.05
1.1
1.05
dB


Numéro de pièce similaire - MC13821

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Freescale Semiconductor...
MC13821FCR2 FREESCALE-MC13821FCR2 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results

Description similaire - MC13821

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821FCR2 FREESCALE-MC13821FCR2 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
logo
Broadcom Corporation.
DEMO-MGA-785T6 BOARDCOM-DEMO-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13850 NXP-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
Rev. 1, 12/2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com