Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD1579 Fiches technique(PDF) 3 Page - Silan Microelectronics Joint-stock

No de pièce SD1579
Description  Hall IC Fan Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILAN [Silan Microelectronics Joint-stock]
Site Internet  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SD1579 Fiches technique(HTML) 3 Page - Silan Microelectronics Joint-stock

  SD1579 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SD1579 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SD1579 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SD1579 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SD1579 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SD1579 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SD1579 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2009.11.11
Http://www.silan.com.cn
Page 3 of 7
MAGNETIC CHARACTERISTICS (Unless specified particularly Tamb=25°C, VCC=12V, 1mT=10Gauss)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Operate Point
Bop
Operating
10
30
60
GS
Release Point
BRP
Operating
-60
-30
-10
GS
Hysteresis
BHYS
Operating
~
60
~
GS
When flux B is over operation point Bop, Do is on and output low voltage, DOB is off and output high voltage.
Every output is locking until the flux B is less than release point Brp, then DO and DOB switch the states.
PIN CONFIGURATION
PIN DESCRIPTION
Pin No.
Pin Name
I/O
Description
1
VDD
--
Power supply
2
DO
O
Driver Output pin
3
DOB
O
Driver Output pin
4
GND
--
Ground
HALL SENSOR LOCATION
Value
Unit
X
2.3
mm
Y
1.09
mm


Numéro de pièce similaire - SD1579

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Leiditech Elec...
SD1571D3W LEIDITECH-SD1571D3W Datasheet
840Kb / 3P
   Mobile Phones and Accessories
SD1571P6W LEIDITECH-SD1571P6W Datasheet
3Mb / 3P
   1-Line Uni-directional TVS Diode
More results

Description similaire - SD1579

FabricantNo de pièceFiches techniqueDescription
logo
Melexis Microelectronic...
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A Datasheet
307Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
logo
Toshiba Semiconductor
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Rohm
BA6811F ROHM-BA6811F Datasheet
89Kb / 6P
   Fan motor driver IC
logo
Toshiba Semiconductor
TA8462F TOSHIBA-TA8462F Datasheet
262Kb / 6P
   FAN MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F_06 Datasheet
411Kb / 13P
   FAN MOTOR DRIVER IC
TA8462F TOSHIBA-TA8462F_06 Datasheet
306Kb / 10P
   FAN MOTOR DRIVER IC
logo
Sharp Corporation
LT202A SHARP-LT202A Datasheet
30Kb / 3P
   GaAs Hall IC for Fan Motor
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com