Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF5001BCPZ-RL7 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADF5001BCPZ-RL7
Description  4 GHz to 18 GHz Divide-by-4 Prescaler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF5001BCPZ-RL7 Fiches technique(HTML) 4 Page - Analog Devices

  ADF5001BCPZ-RL7 Datasheet HTML 1Page - Analog Devices ADF5001BCPZ-RL7 Datasheet HTML 2Page - Analog Devices ADF5001BCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADF5001BCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADF5001BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADF5001BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADF5001BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADF5001BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADF5001BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADF5001
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VDDx to GND
−0.3 V to +3.9 V
RFIN
10 dBm
Operating Temperature Range
Industrial (B Version)
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
LFCSP θ
JA Thermal Impedance
27.3°C/W
Peak Temperature
260°C
Time at Peak Temperature
40 sec
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
This device is a high performance RF integrated circuit with an
ESD rating of 2 kV, human body model (HBM) and is ESD
sensitive. Proper precautions should be taken for handling and
assembly.
ESD CAUTION


Numéro de pièce similaire - ADF5001BCPZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF5001 AD-ADF5001 Datasheet
153Kb / 3P
   Low Noise, 12 GHz, Microwave Fractional-N Phase-Locked Loop Using an Active Loop Filter and RF Prescaler
REV. A
More results

Description similaire - ADF5001BCPZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF5000 AD-ADF5000 Datasheet
214Kb / 12P
   4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
ADF5000BCPZ AD-ADF5000BCPZ Datasheet
214Kb / 12P
   4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
logo
Hittite Microwave Corpo...
HMC-C006 HITTITE-HMC-C006_07 Datasheet
219Kb / 4P
   DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C006 HITTITE-HMC-C006 Datasheet
505Kb / 4P
   DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
logo
California Eastern Labs
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 4 PRESCALER
logo
NEC
UPG503B NEC-UPG503B Datasheet
57Kb / 4P
   9 GHz DIVIDE-BY-4 DYNAMIC PRESCALER
UPG501 NEC-UPG501 Datasheet
41Kb / 2P
   5 GHz DIVIDE-BY-4 STATIC PRESCALER
logo
United Monolithic Semic...
CND2050 UMS-CND2050 Datasheet
83Kb / 9P
   0.5-11.5 GHz Divide by 4 Static Prescaler
logo
Agilent(Hewlett-Packard...
HMMC-3104 HP-HMMC-3104 Datasheet
796Kb / 8P
   DC-16 GHz Packaged Divide-by-4 Prescaler
logo
NEC
UPB587B NEC-UPB587B Datasheet
113Kb / 5P
   1.0 GHz DIVIDE- BY- 2/4/8 PRESCALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com