Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM00200 Fiches technique(PDF) 1 Page - Bel Fuse Inc.

No de pièce LM00200
Description  VOICE OVER IP MAGNETICS Broadband Transformers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEL [Bel Fuse Inc.]
Site Internet  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LM00200 Fiches technique(HTML) 1 Page - Bel Fuse Inc.

  LM00200 Datasheet HTML 1Page - Bel Fuse Inc. LM00200 Datasheet HTML 2Page - Bel Fuse Inc. LM00200 Datasheet HTML 3Page - Bel Fuse Inc. LM00200 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2004 Bel Fuse Inc.
Specifications subject to change without notice. 01.04
LM00200
VOICE OVER IP MAGNETICS
Broadband Transformers
Support 10 Mbps and 100 Mbps VoIP applications
Compliant with IEEE 802.3 standards
Designed to meet 350mA balanced DC line current
350µH OCL with 8mA bias applied from 0° to 70° C
Minimum interwinding breakdown voltage of 1500 Vrms
ELECTRICAL SPECIFICATIONS AT 25° C
page 1
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
3
±
y
r
a
m
i
r
P
e
c
n
a
t
c
u
d
n
I
n
i
m
H
µ
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
x
a
m
H
µ
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
R
C
D
x
a
m
O
X
T
:
N
I
X
T
O
X
R
:
N
I
X
R
N
I
X
T
O
X
T
N
I
X
R
O
X
R
2
0
-
0
0
5
5
-
8
5
5
ST
C
1
:
T
C
1T
C
1
:
T
C
10
5
35
2
.
05
20
.
10
.
10
.
10
.
1
4
0
-
0
0
5
5
-
8
5
5
ST
C
1
:
T
C
1T
C
1
:
T
C
10
5
35
2
.
05
20
.
10
.
10
.
10
.
1
2
1
-
0
0
5
5
-
8
5
5
ST
C
1
:
T
C
1T
C
1
:
T
C
10
5
35
2
.
05
20
.
10
.
10
.
10
.
1
6
1
-
0
0
5
5
-
8
5
5
ST
C
1
:
T
C
1T
C
1
:
T
C
10
5
35
2
.
00
40
.
14
.
10
.
14
.
1
r
e
b
m
u
N
t
r
a
P
n
o
i
t
r
e
s
n
I
s
s
o
L
n
i
m
B
d
s
s
o
L
n
r
u
t
e
R
n
i
m
B
d
k
l
a
t
s
s
o
r
C
n
i
m
B
d
o
t
n
o
m
m
o
C
l
a
i
t
n
e
r
e
f
f
i
D
e
d
o
M
n
o
i
t
c
e
j
e
R
n
i
m
B
d
o
t
n
o
m
m
o
C
e
d
o
M
n
o
m
m
o
C
n
o
i
t
c
e
j
e
R
n
i
m
B
d
o
t
z
H
k
0
0
1
z
H
M
0
0
1
o
t
z
H
M
2
z
H
M
0
3
o
t
Z
H
M
0
6
z
H
M
0
8
z
H
M
1
z
H
M
0
3
z
H
M
0
6
z
H
M
0
0
1
z
H
M
0
0
1
o
t
z
H
k
0
0
1
2
0
-
0
0
5
5
-
8
5
5
S5
.
1
-6
1
-0
1
-5
6
-0
6
-0
5
-5
4
-5
4
-5
4
-
4
0
-
0
0
5
5
-
8
5
5
S5
.
1
-6
1
-0
1
-5
6
-0
6
-0
5
-5
4
-5
4
-5
4
-
2
1
-
0
0
5
5
-
8
5
5
S5
.
1
-6
1
-0
1
-5
6
-0
6
-0
5
-5
4
-5
4
-5
4
-
6
1
-
0
0
5
5
-
8
5
5
S5
.
1
-6
1
-0
1
-5
6
-0
6
-0
5
-5
4
-5
4
-5
4
-


Numéro de pièce similaire - LM00200

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Leiditech Elec...
LM0010-6L LEIDITECH-LM0010-6L Datasheet
840Kb / 3P
   N-Channel Enhancement Mode MOSFET
More results

Description similaire - LM00200

FabricantNo de pièceFiches techniqueDescription
logo
Bel Fuse Inc.
S558-5500-13 BEL-S558-5500-13 Datasheet
27Kb / 2P
   VOICE OVER IP MAGNETICS Broadband Transformers
logo
XFMRS Inc.
XFVOIP-04 XFMRS-XFVOIP-04_15 Datasheet
60Kb / 1P
   VOICE OVER IP MAGNETICS
XFVOIP-04 XFMRS-XFVOIP-04 Datasheet
60Kb / 1P
   VOICE OVER IP MAGNETICS
XFVOIP-04QS XFMRS-XFVOIP-04QS Datasheet
50Kb / 1P
   VOICE OVER IP MAGNETICS
XFVOIP-04 XFMRS-XFVOIP-04 Datasheet
48Kb / 1P
   VOICE OVER IP MAGNETICS
XFVOIP-08 XFMRS-XFVOIP-08 Datasheet
43Kb / 1P
   VOICE OVER IP MAGNETICS
XFVOIP-08 XFMRS-XFVOIP-08 Datasheet
43Kb / 1P
   VOICE OVER IP MAGNETICS
XFVOIP-08 XFMRS-XFVOIP-08_15 Datasheet
43Kb / 1P
   VOICE OVER IP MAGNETICS
XFVOIP-03Q XFMRS-XFVOIP-03Q_15 Datasheet
116Kb / 1P
   Voice Over IP MAGNETICS MODULES
XFVOIP-05Q XFMRS-XFVOIP-05Q_15 Datasheet
58Kb / 1P
   Voice Over IP MAGNETICS MODULES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com