Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK433-070-E Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce STK433-070-E
Description  Thick-Film Hybrid IC 2-channel class AB audio power IC, 60W60W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-070-E Fiches technique(HTML) 7 Page - Sanyo Semicon Device

Back Button STK433-070-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 9Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 10Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STK433-070-E
No. A1488-7/11
Evaluation Board Characteristics
[Thermal Design Example for STK433-070-E (RL = 6Ω)]
The thermal resistance,
θc-a, of the heat sink for total power dissipation, Pd, within the hybrid IC is determined as
follows.
Condition 1: The hybrid IC substrate temperature, Tc, must not exceed 125
°C.
Pd
× θc-a + Ta < 125°C ................................................................................................. (1)
Ta: Guaranteed ambient temperature for the end product
Condition 2: The junction temperature, Tj, of each power transistor must not exceed 150
°C.
Pd
× θc-a + Pd/N × θj-c + Ta < 150°C .......................................................................... (2)
N: Number of power transistors
θj-c: Thermal resistance per power transistor
However, the power dissipation, Pd, for the power transistors shall be allocated equally among the number of power
transistors.
The following inequalities result from solving equations (1) and (2) for
θc-a.
θc-a < (125 − Ta)/Pd ...................................................................................................... (1)'
θc-a < (150 − Ta)/Pd − θj-c/N ........................................................................................ (2)'
Values that satisfy these two inequalities at the same time represent the required heat sink thermal resistance.
When the following specifications have been stipulated, the required heat sink thermal resistance can be determined
from formulas (1)' and (2)' .
• Supply voltage
VCC
• Load resistance
RL
• Guaranteed ambient temperature
Ta
PO - VCC
Supply voltage, VCC - ±V
Pd - PO
Output power, PO/ch - W
THD - PO
PO - f
Frequency, f - Hz
Output power, PO/ch - W
ITF02680
0
100
90
80
70
60
50
40
30
20
10
10
15
20
30
25
35
40
ITF02679
0
1.0
0.1
100
70
90
80
50
60
30
40
10
20
23
5
7
23
5
7
10
23
5
7 100
VG=30dB
Rg=600
Ω
RL=6Ω
Tc=25
°C
f=1kHz
2ch Drive
VCC=±29V
VG=30dB
f=1kHz
Rg=600
Ω
Tc=25
°C
RL=6Ω
2ch Drive
VCC=±29V
VG=30dB
Rg=600
Ω
Tc=25
°C
RL=6Ω
2ch Drive
ITF02681
1k
10
100
100
90
80
50
60
70
30
40
20
10
0
2 3
57
2 3
5 7
2 3
57
2 3
57
10k
100k
THD=10%
THD=0.4%
ITF02678
0.001
1.0
0.1
0.01
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
0.1
1.0
100
10
23
5
7
23
5
7
10
23
5
7 100
VCC=±29V
VG=30dB
Rg=600
Ω
Tc=25
°C
RL=6Ω
2ch Drive
f=20kHz
1kHz
THD
=0
.4%


Numéro de pièce similaire - STK433-070-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-040N-E ONSEMI-STK433-040N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK433-060-E SANYO-STK433-060-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 50W50W
More results

Description similaire - STK433-070-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK404-070N-E SANYO-STK404-070N-E Datasheet
193Kb / 10P
   1ch class-AB Audio Power IC 60W
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK433-100-E SANYO-STK433-100-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
STK433-120-E SANYO-STK433-120-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 120W120W
STK433-130-E SANYO-STK433-130-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 150W150W
STK433-060-E SANYO-STK433-060-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 50W50W
STK404-200-E SANYO-STK404-200-E Datasheet
353Kb / 11P
   One-Channel Class AB Audio Power Amplifier IC 60W
STK415-100-E SANYO-STK415-100-E Datasheet
187Kb / 12P
   2-Channel Power Switching Audio Power IC, 60W60W
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com