Moteur de recherche de fiches techniques de composants électroniques |
|
MC-4532DA726XFB-A80 Fiches technique(PDF) 1 Page - Elpida Memory |
|
MC-4532DA726XFB-A80 Fiches technique(HTML) 1 Page - Elpida Memory |
1 / 16 page The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. Not all devices/types available in every country. Please check with local Elpida Memory, Inc. for availability and additional information. MOS INTEGRATED CIRCUIT MC-4532DA726 32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE DATA SHEET Document No. E0072N10 (1st edition) (Previous No. M13633EJ8V0DS00) Date Published January 2001 CP(K) Printed in Japan Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd. Description The MC-4532DA726 is a 33,554,432 words by 72 bits synchronous dynamic RAM module on which 18 pieces of 128M SDRAM: µPD45128441 are assembled. These modules provide high density and large quantities of memory in a small space without utilizing the surface- mounting technology on the printed circuit board. Decoupling capacitors are mounted on power supply line for noise reduction. Features • 33,554,432 words by 72 bits organization (ECC type) • Clock frequency and access time from CLK Part number /CAS latency Clock frequency Access time from CLK Module type (MAX.) (MAX.) MC-4532DA726EFB-A80 CL = 3 125 MHz 6 ns PC100 Registered DIMM CL = 2 100 MHz 6 ns Rev. 1.2 Compliant MC-4532DA726EFB-A10 CL = 3 100 MHz 6 ns CL = 2 77 MHz 7 ns MC-4532DA726PFB-A80 CL = 3 125 MHz 6 ns CL = 2 100 MHz 6 ns MC-4532DA726PFB-A10 CL = 3 100 MHz 6 ns CL = 2 77 MHz 7 ns MC-4532DA726XFB-A80 CL = 3 125 MHz 6 ns CL = 2 100 MHz 6 ns MC-4532DA726XFB-A10 CL = 3 100 MHz 6 ns CL = 2 77 MHz 7 ns • Fully Synchronous Dynamic RAM, with all signals referenced to a positive clock edge • Pulsed interface • Possible to assert random column address in every cycle • Quad internal banks controlled by BA0 and BA1 (Bank Select) • Programmable burst-length (1, 2, 4, 8 and Full Page) • Programmable wrap sequence (Sequential / Interleave) This product became EOL in March, 2004. |
Numéro de pièce similaire - MC-4532DA726XFB-A80 |
|
Description similaire - MC-4532DA726XFB-A80 |