Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC-4R128CPE6C-653 Fiches technique(PDF) 6 Page - Elpida Memory

No de pièce MC-4R128CPE6C-653
Description  Direct Rambus??DRAM RIMM??Module 128M-BYTE (64M-WORD x 16-BIT)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ELPIDA [Elpida Memory]
Site Internet  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R128CPE6C-653 Fiches technique(HTML) 6 Page - Elpida Memory

Back Button MC-4R128CPE6C-653 Datasheet HTML 2Page - Elpida Memory MC-4R128CPE6C-653 Datasheet HTML 3Page - Elpida Memory MC-4R128CPE6C-653 Datasheet HTML 4Page - Elpida Memory MC-4R128CPE6C-653 Datasheet HTML 5Page - Elpida Memory MC-4R128CPE6C-653 Datasheet HTML 6Page - Elpida Memory MC-4R128CPE6C-653 Datasheet HTML 7Page - Elpida Memory MC-4R128CPE6C-653 Datasheet HTML 8Page - Elpida Memory MC-4R128CPE6C-653 Datasheet HTML 9Page - Elpida Memory MC-4R128CPE6C-653 Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Preliminary Data Sheet E0047N11
6
MC-4R128CPE6C
(2/2)
Signal
I/O
Type
Description
RSCK
I
VCMOS
Serial clock input. Clock source used to read from and write to the RDRAM
control registers.
SA0
I
SVDD
Serial Presence Detect Address 0.
SA1
I
SVDD
Serial Presence Detect Address 1.
SA2
I
SVDD
Serial Presence Detect Address 2.
SCL
I
SVDD
Serial Presence Detect Clock.
SDA
I/O
SVDD
Serial Presence Detect Data (Open Collector I/O).
SIN
I/O
VCMOS
Serial I/O for reading from and writing to the control registers. Attaches to SIO0
of the first RDRAM on the module.
SOUT
I/O
VCMOS
Serial I/O for reading from and writing to the control registers. Attaches to SIO1
of the last RDRAM on the module.
SVDD
SPD Voltage. Used for signals SCL, SDA, SWP, SA0, SA1 and SA2.
SWP
I
SVDD
Serial Presence Detect Write Protect (active high). When low, the SPD can be
written as well as read.
VCMOS
CMOS I/O Voltage. Used for signals CMD, SCK, SIN, SOUT.
VDD
Supply voltage for the RDRAM core and interface logic.
VREF
Logic threshold reference voltage for RSL signals.


Numéro de pièce similaire - MC-4R128CPE6C-653

FabricantNo de pièceFiches techniqueDescription
logo
NEC
MC-4R128CPE6C-653 NEC-MC-4R128CPE6C-653 Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
More results

Description similaire - MC-4R128CPE6C-653

FabricantNo de pièceFiches techniqueDescription
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE6D-840 ELPIDA-MC-4R128FKE6D-840 Datasheet
497Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128FKE6D ELPIDA-MC-4R128FKE6D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
logo
NEC
MC-4R128CPE6C NEC-MC-4R128CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE8D ELPIDA-MC-4R128FKE8D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R128FKE8D-840 ELPIDA-MC-4R128FKE8D-840 Datasheet
127Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R128FKE8S-840 ELPIDA-MC-4R128FKE8S-840 Datasheet
123Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R128FKE8S ELPIDA-MC-4R128FKE8S Datasheet
123Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R256CPE6C ELPIDA-MC-4R256CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
MC-4R64FKE6D-840 ELPIDA-MC-4R64FKE6D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16