Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCX53-16 Fiches technique(PDF) 2 Page - Weitron Technology

No de pièce BCX53-16
Description  PNP Plastic-Encapsulate Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BCX53-16 Fiches technique(HTML) 2 Page - Weitron Technology

  BCX53-16 Datasheet HTML 1Page - Weitron Technology BCX53-16 Datasheet HTML 2Page - Weitron Technology BCX53-16 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BCX53
WEITRON
http://www.weitron.com.tw
TransitionFrequence
-
-
-
-
-
-
-
250
V
ON CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
63
-
160
63
-
-
250
100
-
-
63
-
-
40
-0.5
VBE(ON)
V
-1.0
50
MHz
VCE(sat)
fT
Base-Emitter Voltage
VCE = -2.0V, IC = -500mA
hFE1
hFE2
hFE3
DC Current Gain
VCE = -2.0V, IC = -150mA
BCX53
BCX53-10
BCX53-16
Collector-Emitter Saturation Voltage
2/3
12-Oct-06
Characteristics
Symbol
Min
Typ
Max
Unit
VCE = -2.0V, IC = -5.0mA
VCE = -2.0V, IC = -500mA
VCE = -5V, IC = -10mA, f = 100MHz
IC = -500mA, IB = -50mA


Numéro de pièce similaire - BCX53-16

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BCX53-16 PHILIPS-BCX53-16 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
GUANGDONG HOTTECH INDUS...
BCX53-16 HOTTECH-BCX53-16 Datasheet
189Kb / 2P
   Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
BCX53-16 SIEMENS-BCX53-16 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Galaxy Semi-Conductor H...
BCX53-16 BILIN-BCX53-16 Datasheet
299Kb / 5P
   PNP Medium power transistors
logo
Infineon Technologies A...
BCX53-16 INFINEON-BCX53-16 Datasheet
141Kb / 5P
   PNP Silicon AF Transistors
Feb-10-2004
More results

Description similaire - BCX53-16

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
BC327 SECOS-BC327_15 Datasheet
299Kb / 3P
   PNP Plastic-Encapsulate Transistor
BC807-16W SECOS-BC807-16W Datasheet
197Kb / 3P
   PNP Plastic Encapsulate Transistor
logo
Micro Commercial Compon...
MMBT5401 MCC-MMBT5401 Datasheet
68Kb / 2P
   PNP Plastic Encapsulate Transistor
2SA1012 MCC-2SA1012 Datasheet
213Kb / 2P
   PNP Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
BC807 SECOS-BC807 Datasheet
419Kb / 2P
   PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BC869 WEITRON-BC869 Datasheet
522Kb / 3P
   PNP Plastic-Encapsulate Transistor
KTA1266 WEITRON-KTA1266 Datasheet
216Kb / 3P
   PNP Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
BCX53 SECOS-BCX53_16 Datasheet
341Kb / 2P
   PNP Plastic Encapsulate Transistor
logo
Micro Commercial Compon...
MMBT5401 MCC-MMBT5401_14 Datasheet
439Kb / 4P
   PNP Plastic Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
CZD772M SECOS-CZD772M Datasheet
314Kb / 2P
   PNP Plastic Encapsulate Transistor
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com