Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC856 Fiches technique(PDF) 3 Page - Weitron Technology

No de pièce BC856
Description  PNP Dual General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC856 Fiches technique(HTML) 3 Page - Weitron Technology

  BC856 Datasheet HTML 1Page - Weitron Technology BC856 Datasheet HTML 2Page - Weitron Technology BC856 Datasheet HTML 3Page - Weitron Technology BC856 Datasheet HTML 4Page - Weitron Technology BC856 Datasheet HTML 5Page - Weitron Technology BC856 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC856BDW Series
Electrical Characteristics
WEITRON
http://www.weitron.com.tw
14-Nov-07
3/6
Figure 1. DC Current Gain
Figure 2. “On” Voltage
°
Figure 3. Collector Saturation Region
Figure 4. Base–Emitter Temperature Coefficient
°
°
°
°
θ
Figure 5. Capacitance
Figure 6. Current–Gain – Bandwidth Product
°


Numéro de pièce similaire - BC856

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
BC856 KEXIN-BC856 Datasheet
1Mb / 3P
   PNP Transistors
logo
NXP Semiconductors
BC856 PHILIPS-BC856 Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Jiangsu Changjiang Elec...
BC856 JIANGSU-BC856 Datasheet
1Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
logo
Central Semiconductor C...
BC856 CENTRAL-BC856 Datasheet
116Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Rectron Semiconductor
BC856 RECTRON-BC856 Datasheet
27Kb / 2P
   SOT-23 - Power Transistor and Darlingtons
More results

Description similaire - BC856

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
HBP3906S6R CYSTEKEC-HBP3906S6R Datasheet
152Kb / 4P
   Dual General Purpose PNP Transistors
logo
SeCoS Halbleitertechnol...
UMT1N SECOS-UMT1N_15 Datasheet
98Kb / 1P
   Dual PNP General Purpose Transistors
logo
Cystech Electonics Corp...
HBP3906S6R CYSTEKEC-HBP3906S6R_17 Datasheet
323Kb / 7P
   Dual General Purpose PNP Transistors
logo
Weitron Technology
BC846BPDW WEITRON-BC846BPDW Datasheet
517Kb / 9P
   NPN/PNP Dual General Purpose Transistors
logo
Leshan Radio Company
BC856BDW1T1 LRC-BC856BDW1T1 Datasheet
164Kb / 5P
   Dual General Purpose Transistors(PNP Duals)
logo
Weitron Technology
MMDT2227DW WEITRON-MMDT2227DW Datasheet
131Kb / 5P
   NPNPNP Dual General Purpose Transistors
logo
Leshan Radio Company
LBC807-16DMT1G LRC-LBC807-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors PNP Duals
logo
Cystech Electonics Corp...
HBP2907S6R CYSTEKEC-HBP2907S6R Datasheet
193Kb / 5P
   General Purpose PNP Epitaxial Planar Transistors(dual transistors)
HBP1037S6R CYSTEKEC-HBP1037S6R Datasheet
203Kb / 5P
   General Purpose PNP Epitaxial Planar Transistors (dual transistors)
logo
SeCoS Halbleitertechnol...
UMT1N SECOS-UMT1N Datasheet
104Kb / 1P
   -0.15A , -60V Dual PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com