Moteur de recherche de fiches techniques de composants électroniques |
|
UF4002 Fiches technique(PDF) 1 Page - Shanghai Lunsure Electronic Tech |
|
UF4002 Fiches technique(HTML) 1 Page - Shanghai Lunsure Electronic Tech |
1 / 2 page UF4001 THRU UF4007 1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts Features · · · · · · · Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage UF4001 --- 50V 35V 50V UF4002 --- 100V 70V 100V UF4003 --- 200V 140V 200V UF4004 --- 400V 280V 400V UF4005 --- 600V 420V 400V UF4006 --- 800V 560V 800V UF4007 --- 1000V 700V 1000V Electrical Characteristics @ 25°C Unless Otherwise Specified Average Forward Current IF(AV) 1 A TA = 55 °C Peak Forward Surge Current IFSM 30A 8.3ms, half sine Maximum Instantaneous Forward Voltage UF4001-4003 UF4004 VF 1. 0 V 1. 7 V IFM = 1.0A; TA = 25 °C Maximum Reverse Recovery Time Trr 50ns IF=0.5A, IR=1.0A, Irr=0.25A Typical Junction Capacitance UF4001-4004 UF4005-4007 CJ 20pF 10pF Measured at 1.0MHz, VR=4.0V *Pulse Test: Pulse Width 300 msec, Duty Cycle 1% DO-41 DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A .166 .205 4.10 5.20 B .080 .107 2.00 2.70 C .028 .034 .70 .90 D 1.000 --- 25.40 --- A B C D D Cathode Mark UF4005-4007 1. 3 V UF4001-4004 UF4005-4007 75ns www.cnelectr.com Maximum DC Reverse Current At Rated DC Blocking Voltage IR 5 µA 100 µA TA = 25 °C TA = 100 °C • High Surge Capability • Low Leakage • Low Forward Voltage Drop • Ultra Fast Switching Speed For High Efficiency Maximum Ratings • Operating Temperature: -55 °C to +125°C • Storage Temperature: -55 °C to +150°C • Typical Thermal Resistance 25 °C/W Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769 |
Numéro de pièce similaire - UF4002 |
|
Description similaire - UF4002 |