Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DL4148 Fiches technique(PDF) 2 Page - Shanghai Lunsure Electronic Tech

No de pièce DL4148
Description  500mw high speed switching diode 100 volt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHENYI [Shanghai Lunsure Electronic Tech]
Site Internet  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

DL4148 Fiches technique(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  DL4148 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech DL4148 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech DL4148 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Instantaneous Forward Current - MilliAmperes versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
MilliAmps
.4
.6
.8
1.0
1.2
1.4
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
Junction Capacitance - pF versus
Reverse Voltage - Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
.1
.2
.6
1
2
10
pF
Volts
6
4
.4
400
1000
TJ=25
°C
Admissable Power Dissipation - MilliWatts versus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
100
200
300
MilliWatts
°C
150
400
500
600
Single Phase, Half Wave
60Hz Resistive or Inductive Load
www.cnelectr.com
DL4148


Numéro de pièce similaire - DL4148

FabricantNo de pièceFiches techniqueDescription
logo
Dc Components
DL4148 DCCOM-DL4148 Datasheet
259Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH SPEED SWITCHING DIODES
logo
Micro Commercial Compon...
DL4148 MCC-DL4148 Datasheet
77Kb / 3P
   500mW 100 Volt Silicon Switching Diode
DL4148 MCC-DL4148 Datasheet
462Kb / 4P
   500mW High Speed Switching Diode 100 Volt
DL4148 MCC-DL4148 Datasheet
469Kb / 4P
   500mW High Speed Switching Diode 100 Volt Surface Mount Applications
logo
Shanghai Shunye Electro...
DL4148 SY-DL4148 Datasheet
198Kb / 3P
   500mW High Speed Switching Diode100 Volt
More results

Description similaire - DL4148

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
DL4148 MCC-DL4148_11 Datasheet
462Kb / 4P
   500mW High Speed Switching Diode 100 Volt
1N4148-TP MCC-1N4148-TP Datasheet
239Kb / 4P
   500mW High Speed Switching Diode 100 Volt
1N4148 MCC-1N4148_11 Datasheet
212Kb / 4P
   500mW High Speed Switching Diode 100 Volt
DL4148-TP MCC-DL4148-TP Datasheet
469Kb / 4P
   500mW High Speed Switching Diode 100 Volt
1N4148 MCC-1N4148_12 Datasheet
224Kb / 4P
   500mW High Speed Switching Diode 100 Volt
DL4148 MCC-DL4148_12 Datasheet
469Kb / 4P
   500mW High Speed Switching Diode 100 Volt Surface Mount Applications
DL914 MCC-DL914 Datasheet
361Kb / 3P
   500mW 100 Volt Silicon Switching Diode
DL914 MCC-DL914_14 Datasheet
378Kb / 4P
   500mW 100 Volt Silicon Switching Diode
DL4148 MCC-DL4148 Datasheet
77Kb / 3P
   500mW 100 Volt Silicon Switching Diode
DL914 MCC-DL914_11 Datasheet
723Kb / 4P
   500mW 100 Volt Silicon Switching Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com