Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4934GP Fiches technique(PDF) 3 Page - Shanghai Lunsure Electronic Tech

No de pièce 1N4934GP
Description  1 Amp Glass Passivated Fast Recovery Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHENYI [Shanghai Lunsure Electronic Tech]
Site Internet  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1N4934GP Fiches technique(HTML) 3 Page - Shanghai Lunsure Electronic Tech

  1N4934GP Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N4934GP Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech 1N4934GP Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N4933GP thru 1N4937GP
Figure 6
Reverse Recovery Time Characteristic And Test Circuit Diagram
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
4
6
20
10
µAmps
20
120
40
60
80
100
.01
.02
.04
.06
.1
.2
.4
.6
1
2
TJ=25
°C
40
60
100
140
TJ=100
°C
1
100
4
0
10
5
20
30
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
40
50
60
www.cnelectr.com


Numéro de pièce similaire - 1N4934GP

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
1N4934GP FAIRCHILD-1N4934GP Datasheet
32Kb / 2P
   1.0 Ampere Glass Passivated Fast Recovery Rectifiers
logo
General Semiconductor
1N4934GP GE-1N4934GP Datasheet
60Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Micro Commercial Compon...
1N4934GP MCC-1N4934GP Datasheet
164Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
logo
Fairchild Semiconductor
1N4934GP FAIRCHILD-1N4934GP Datasheet
46Kb / 3P
   Fast Rectifiers (Glass Passivated)
logo
First Components Intern...
1N4934GP FCI-1N4934GP Datasheet
153Kb / 2P
   1.0 Amp FAST SWITCHING MEGARECTIFIERS
More results

Description similaire - 1N4934GP

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
RGP08A ETC1-RGP08A Datasheet
40Kb / 2P
   1 Amp. Glass Passivated Fast Recovery Rectifier
FRS1A ETC1-FRS1A Datasheet
51Kb / 2P
   1 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
logo
SeCoS Halbleitertechnol...
FR151G SECOS-FR151G Datasheet
203Kb / 2P
   1.5 AMP Glass Passivated Fast Recovery Rectifier
SCDF103 SECOS-SCDF103_15 Datasheet
380Kb / 2P
   1.0 Amp Glass Passivated Fast Recovery Rectifier
logo
List of Unclassifed Man...
RGP15A ETC-RGP15A Datasheet
45Kb / 2P
   1.5 Amp. Glass Passivated Fast Recovery Rectifier
RGP50A ETC-RGP50A Datasheet
37Kb / 2P
   5 Amp. Glass Passivated Fast Recovery Rectifier
RGP02-12 ETC1-RGP02-12 Datasheet
36Kb / 2P
   0.5 Amp. Glass Passivated Fast Recovery Rectifier
logo
Micro Commercial Compon...
BA157GP MCC-BA157GP Datasheet
233Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
1N4942GP MCC-1N4942GP_11 Datasheet
429Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
1N4933GP MCC-1N4933GP Datasheet
164Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com