Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC-45D16CB641KF-C75 Fiches technique(PDF) 9 Page - Elpida Memory

No de pièce MC-45D16CB641KF-C75
Description  16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ELPIDA [Elpida Memory]
Site Internet  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-45D16CB641KF-C75 Fiches technique(HTML) 9 Page - Elpida Memory

Back Button MC-45D16CB641KF-C75 Datasheet HTML 5Page - Elpida Memory MC-45D16CB641KF-C75 Datasheet HTML 6Page - Elpida Memory MC-45D16CB641KF-C75 Datasheet HTML 7Page - Elpida Memory MC-45D16CB641KF-C75 Datasheet HTML 8Page - Elpida Memory MC-45D16CB641KF-C75 Datasheet HTML 9Page - Elpida Memory MC-45D16CB641KF-C75 Datasheet HTML 10Page - Elpida Memory MC-45D16CB641KF-C75 Datasheet HTML 11Page - Elpida Memory MC-45D16CB641KF-C75 Datasheet HTML 12Page - Elpida Memory MC-45D16CB641KF-C75 Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Preliminary Data Sheet E0034N10
9
Asynchronous Characteristics
Parameter
Symbol
-C75(PC266B)
-C80 (PC200)
Unit
MIN.
MAX.
MIN.
MAX.
ACT to REF/ACT command period (operation)
tRC
65
70
ns
REF to REF/ACT command period (refresh)
tRFC
75
80
ns
ACT to PRE command period
tRAS
45
120,000
50
120,000
ns
PRE to ACT command period
tRP
20
20
ns
ACT to READ/WRITE delay
tRCD
20
20
ns
ACT(one) to ACT(another) command period
tRRD
15
15
ns
Write recovery time
tWR
15
15
ns
Auto precharge write recovery time + precharge time
tDAL
35
35
ns
Mode register set command cycle time
tMRD
15
15
ns
Exit self refresh to command
tXSNR
75
80
ns
Refresh time (4,096 refresh cycles)
tREF
64
64
ms


Numéro de pièce similaire - MC-45D16CB641KF-C75

FabricantNo de pièceFiches techniqueDescription
logo
NEC
MC-45D16CB641KF-C75 NEC-MC-45D16CB641KF-C75 Datasheet
244Kb / 6P
   16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Description similaire - MC-45D16CB641KF-C75

FabricantNo de pièceFiches techniqueDescription
logo
NEC
MC-45D16CB641 NEC-MC-45D16CB641 Datasheet
244Kb / 6P
   16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D32CD641 NEC-MC-45D32CD641 Datasheet
250Kb / 6P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D32CD641 ELPIDA-MC-45D32CD641 Datasheet
184Kb / 16P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D32CC721 NEC-MC-45D32CC721 Datasheet
259Kb / 6P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB647 NEC-MC-458CB647 Datasheet
190Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com