Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST10-48F-12D Fiches technique(PDF) 1 Page - Arch Electronics Corp.

No de pièce ST10-48F-12D
Description  Encapsulated DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARCH [Arch Electronics Corp.]
Site Internet  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ST10-48F-12D Fiches technique(HTML) 1 Page - Arch Electronics Corp.

  ST10-48F-12D Datasheet HTML 1Page - Arch Electronics Corp. ST10-48F-12D Datasheet HTML 2Page - Arch Electronics Corp. ST10-48F-12D Datasheet HTML 3Page - Arch Electronics Corp. ST10-48F-12D Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VER : B_1
update : 98.04.09
Encapsulated DC-DC Converter
ST10 SERIES
10 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No. ( Single Output )
ST10-12-3.3S
ST10-12-5S
ST10-12-12S
ST10-12-15S
ST10-12-24S
Input Voltage (V.DC.)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
Output Voltage (V.DC.)
3.3V / 2000mA
5V / 2000mA
12V / 830mA
15V / 670mA
24V / 420mA
Efficiency
74%
80%
81%
82%
81%
Model No. ( Single Output )
ST10-24-3.3S
ST10-24-5S
ST10-24-12S
ST10-24-15S
ST10-24-24S
Input Voltage (V.DC.)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Output Voltage (V.DC.)
3.3V / 2000mA
5V / 2000mA
12V / 830mA
15V / 670mA
24V / 420mA
Efficiency
74%
81%
84%
85%
84%
Model No. ( Single Output )
ST10-24F-3.3S
ST10-24F-5S
ST10-24F-12S
ST10-24F-15S
Input Voltage (V.DC.)
24V (10-40V)
24V (10-40V)
24V (10-40V)
24V (10-40V)
Output Voltage (V.DC.)
3.3V / 2000mA
5V / 2000mA
12V / 830mA
15V / 670mA
Efficiency
67%
75%
75%
75%
Model No. ( Single Output )
ST10-48-3.3S
ST10-48-5S
ST10-48-12S
ST10-48-15S
ST10-48-24S
Input Voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Output Voltage (V.DC.)
3.3V / 2000mA
5V / 2000mA
12V / 830mA
15V / 670mA
24V / 420mA
Efficiency
76%
81%
84%
84%
84%
Model No. ( Single Output )
ST10-48F-3.3S
ST10-48F-5S
ST10-48F-12S
ST10-48F-15S
Input Voltage (V.DC.)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
Output Voltage (V.DC.)
3.3V / 2000mA
5V / 2000mA
12V / 830mA
15V / 670mA
Efficiency
66%
75%
77%
75%
Model No. ( Dual Output )
ST10-24F-5D
ST10-24F-12D
ST10-24F-15D
Input Voltage (V.DC.)
24V (10-40V)
24V (10-40V)
24V (10-40V)
Output Voltage (V.DC.)
±5V / ±1000mA
±12 / ±415mA
±15 / ±333mA
Efficiency
75%
75%
75%
Model No. ( Dual Output )
ST10-48F-5D
ST10-48F-12D
ST10-48F-15D
Input Voltage (V.DC.)
48V (18-75V)
48V (18-75V)
48V (18-75V)
Output Voltage (V.DC.)
±5V / ±1000mA
±12 / ±415mA
±15 / ±333mA
Efficiency
75%
77%
77%
KEY FEATURES
Power Module for PCB Mountable
2:1 & 4:1 Wide Input Range
Regulated Output
Low Ripple and Noise
Screw Terminal For Optional
Remote ON/OFF Control (Optional)
Standard 2” x 1” Package and Pinout
CE, UL
Approval
2 Years Product Warranty


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn