Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M4N37 Fiches technique(PDF) 2 Page - Motorola, Inc

No de pièce M4N37
Description  6-Pin DIP Optoisolators Transistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M4N37 Fiches technique(HTML) 2 Page - Motorola, Inc

  M4N37 Datasheet HTML 1Page - Motorola, Inc M4N37 Datasheet HTML 2Page - Motorola, Inc M4N37 Datasheet HTML 3Page - Motorola, Inc M4N37 Datasheet HTML 4Page - Motorola, Inc M4N37 Datasheet HTML 5Page - Motorola, Inc M4N37 Datasheet HTML 6Page - Motorola, Inc M4N37 Datasheet HTML 7Page - Motorola, Inc M4N37 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
M4N37
2
Motorola Optoelectronics Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)(1)
Characteristic
Symbol
Min
Typ(1)
Max
Unit
INPUT LED
Forward Voltage (IF = 10 mA)
TA = 25°C
TA = –55°C
TA = 100°C
VF
0.8
0.9
0.7
1.15
1.3
1.05
1.5
1.7
1.4
Volts
Reverse Leakage Current (VR = 6 V)
IR
10
µA
Capacitance (V = 0 V, f = 1 MHz)
CJ
18
pF
OUTPUT TRANSISTOR
Collector–Emitter Dark Current
(VCE = 10 V, TA = 25°C)
(VCE = 30 V, TA = 100°C)
ICEO
1
50
500
nA
µA
Collector–Base Dark Current (VCB = 10 V)
TA = 25°C
TA = 100°C
ICBO
0.2
100
20
nA
Collector–Emitter Breakdown Voltage (IC = 1 mA)
V(BR)CEO
30
45
Volts
Collector–Base Breakdown Voltage (IC = 100 µA)
V(BR)CBO
70
100
Volts
Emitter–Base Breakdown Voltage (IE = 100 µA)
V(BR)EBO
7
7.8
Volts
DC Current Gain (IC = 2 mA, VCE = 5 V)
hFE
400
Collector–Emitter Capacitance (f = 1 MHz, VCE = 0)
CCE
7
pF
Collector–Base Capacitance (f = 1 MHz, VCB = 0)
CCB
19
pF
Emitter–Base Capacitance (f = 1 MHz, VEB = 0)
CEB
9
pF
COUPLED
Output Collector Current
TA = 25°C
(IF = 10 mA, VCE = 10 V)
TA = –55°C
TA = 100°C
IC (CTR)(2)
10 (100)
4 (40)
4 (40)
30 (300)
mA (%)
Collector–Emitter Saturation Voltage (IC = 0.5 mA, IF = 10 mA)
VCE(sat)
0.14
0.3
Volts
Turn–On Time
(I
2
A V
10 V
ton
7.5
10
µs
Turn–Off Time
(IC = 2 mA, VCC = 10 V,
(3)
toff
5.7
10
Rise Time
( C
,
CC
,
RL = 100 Ω)(3)
tr
3.2
Fall Time
tf
4.7
Isolation Voltage (f = 60 Hz, t = 1 sec)
VISO
7500
Vac(pk)
Isolation Current(4) (VI–O = 1500 Vpk)
IISO
8
100
µA
Isolation Resistance (V = 500 V)(4)
RISO
1011
Isolation Capacitance (V = 0 V, f = 1 MHz)(4)
CISO
0.2
2
pF
1. Always design to the specified minimum/maximum electrical limits (where applicable).
2. Current Transfer Ratio (CTR) = IC/IF x 100%.
3. For test circuit setup and waveforms, refer to Figure 14.
4. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common.


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn