Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M4N37 Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce M4N37
Description  6-Pin DIP Optoisolators Transistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M4N37 Fiches technique(HTML) 1 Page - Motorola, Inc

  M4N37 Datasheet HTML 1Page - Motorola, Inc M4N37 Datasheet HTML 2Page - Motorola, Inc M4N37 Datasheet HTML 3Page - Motorola, Inc M4N37 Datasheet HTML 4Page - Motorola, Inc M4N37 Datasheet HTML 5Page - Motorola, Inc M4N37 Datasheet HTML 6Page - Motorola, Inc M4N37 Datasheet HTML 7Page - Motorola, Inc M4N37 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Optoelectronics Device Data
6-Pin DIP Optoisolators
Transistor Output
The M4N37 device consists of a gallium arsenide infrared emitting diode
optically coupled to a monolithic silicon phototransistor detector.
• Current Transfer Ratio — 100% Minimum @ Specified Conditions
• Guaranteed Switching Speeds
• Meets or Exceeds All JEDEC Registered Specifications
Applications
• General Purpose Switching Circuits
• Interfacing and coupling systems of different potentials and impedances
• Regulation Feedback Circuits
• Monitor & Detection Circuits
• Solid State Relays
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
INPUT LED
Reverse Voltage
VR
6
Volts
Forward Current — Continuous
IF
60
mA
LED Power Dissipation @ TA = 25°C
with Negligible Power in Output Detector
Derate above 25
°C
PD
100
1.41
mW
mW/
°C
OUTPUT TRANSISTOR
Collector–Emitter Voltage
VCEO
30
Volts
Emitter–Base Voltage
VEBO
7
Volts
Collector–Base Voltage
VCBO
70
Volts
Collector Current — Continuous
IC
50
mA
Detector Power Dissipation @ TA = 25°C
with Negligible Power in Input LED
Derate above 25
°C
PD
150
1.76
mW
mW/
°C
TOTAL DEVICE
Isolation Source Voltage(1)
(Peak ac Voltage, 60 Hz, 1 sec Duration)
VISO
7500
Vac(pk)
Total Device Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
250
2.94
mW
mW/
°C
Ambient Operating Temperature Range(2)
TA
– 55 to +100
°C
Storage Temperature Range(2)
Tstg
– 55 to +150
°C
Soldering Temperature (10 sec, 1/16
″ from case)
TL
260
°C
1. Isolation surge voltage is an internal device dielectric breakdown rating.
1. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common.
2. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
Order this document
by M4N37/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
M4N37
SCHEMATIC
PIN 1. LED ANODE
2. LED CATHODE
3. N.C.
4. EMITTER
5. COLLECTOR
6. BASE
1
2
3
6
5
4
STANDARD THRU HOLE
STYLE 1 PLASTIC
1
6
© Motorola, Inc. 1997


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn