Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M4N26 Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce M4N26
Description  6-Pin DIP Optoisolators Transistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M4N26 Fiches technique(HTML) 3 Page - Motorola, Inc

  M4N26 Datasheet HTML 1Page - Motorola, Inc M4N26 Datasheet HTML 2Page - Motorola, Inc M4N26 Datasheet HTML 3Page - Motorola, Inc M4N26 Datasheet HTML 4Page - Motorola, Inc M4N26 Datasheet HTML 5Page - Motorola, Inc M4N26 Datasheet HTML 6Page - Motorola, Inc M4N26 Datasheet HTML 7Page - Motorola, Inc M4N26 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
M4N26
3
Motorola Optoelectronics Device Data
Figure 1. Forward Voltage vs. Forward Current
Figure 2. Normalized Non–Saturated and
Saturated CTR, TA = 25°C vs. LED Current
Figure 3. Normalized Non–Saturated and Saturated
CTR, TA = 50°C vs. LED Current
Figure 4. Normalized Non–Saturated and Saturated
CTR, TA = 70°C vs. LED Current
Figure 5. Normalized Non–Saturated and Saturated
CTR, TA = 85°C vs. LED Current
10
100
0.1
IF, FORWARD CURRENT (mA)
1.4
1.3
1.1
1.2
1.0
IF, LED CURRENT (mA)
10
100
0
1.0
0
0.9
0.8
0.7
1.0
1.0
0.5
1.5
TA = –55°C
TA = 25°C
TA = 85°C
NORMALIZED TO:
VCE = 10 V
IF = 10 mA
TA = 25°C
CTRCE(sat) VCE = 0.4 V
TA = 25°C
NCTR
NCTR(sat)
10
100
0.1
IF, LED CURRENT (mA)
1.5
1.0
0.5
0
1.0
NORMALIZED TO:
VCE = 10 V
IF = 10 mA
TA = 25°C
CTRCE(sat) VCE = 0.4 V
NCTR
NCTR(sat)
TA = 85°C
10
100
0.1
IF, LED CURRENT (mA)
1.5
1.0
0.5
0
1.0
NORMALIZED TO:
VCE = 10 V
IF = 10 mA
TA = 25°C
CTRCE(sat) VCE = 0.4 V
NCTR
NCTR(sat)
TA = 50°C
10
100
0.1
IF, LED CURRENT (mA)
1.5
1.0
0.5
0
1.0
NORMALIZED TO:
VCE = 10 V
IF = 10 mA
TA = 25°C
CTRCE(sat) VCE = 0.4 V
NCTR
NCTR(sat)
TA = 70°C


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn