Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M4N26 Fiches technique(PDF) 4 Page - Motorola, Inc

No de pièce M4N26
Description  6-Pin DIP Optoisolators Transistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M4N26 Fiches technique(HTML) 4 Page - Motorola, Inc

  M4N26 Datasheet HTML 1Page - Motorola, Inc M4N26 Datasheet HTML 2Page - Motorola, Inc M4N26 Datasheet HTML 3Page - Motorola, Inc M4N26 Datasheet HTML 4Page - Motorola, Inc M4N26 Datasheet HTML 5Page - Motorola, Inc M4N26 Datasheet HTML 6Page - Motorola, Inc M4N26 Datasheet HTML 7Page - Motorola, Inc M4N26 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
M4N26
4
Motorola Optoelectronics Device Data
Figure 6. Collector–Emitter Current
vs. Temperature and LED Current
Figure 7. Collector–Emitter Leakage
Current vs. Temperature
Figure 8. Normalized CTRcb vs. LED
Current and Temperature
Figure 9. Normalized Photocurrent vs.
lF and Temperature
Figure 10. Normalized Non–Saturated HFE vs. Base
Current and Temperature
IF, LED CURRENT (mA)
10
0
35
20
15
10
5.0
0
20
30
40
50
60
30
25
25
°C
50
°C
70
°C
85
°C
040
–20
TA, AMBIENT TEMPERATURE (°C)
105
102
101
100
10–1
10–2
20
60
100
80
103
104
VCE = 10 V
TYPICAL
10
100
0.1
IF, LED CURRENT (mA)
1.5
1.0
0.5
0
1.0
25
°C
50
°C
70
°C
NORMALIZED TO:
IF = 10 mA
VCB = 9.3 V
TA = 25°C
10
100
0.1
IF, LED CURRENT (mA)
10
1.0
0.1
0.01
1.0
NORMALIZED TO:
IF = 10 mA
TA = 25°C
25
°C
50
°C
70
°C
–20
°C
IB, BASE CURRENT (mA)
100
1000
1.0
0.6
0.4
10
0.8
1.0
1.2
NORMALIZED TO:
VCE = 10 V
IB = 20 mA
TA = 25°C
25
°C
50
°C
70
°C
–20
°C


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn