Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M4N25 Fiches technique(PDF) 4 Page - Motorola, Inc

No de pièce M4N25
Description  6-Pin DIP Optoisolators Transistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M4N25 Fiches technique(HTML) 4 Page - Motorola, Inc

  M4N25 Datasheet HTML 1Page - Motorola, Inc M4N25 Datasheet HTML 2Page - Motorola, Inc M4N25 Datasheet HTML 3Page - Motorola, Inc M4N25 Datasheet HTML 4Page - Motorola, Inc M4N25 Datasheet HTML 5Page - Motorola, Inc M4N25 Datasheet HTML 6Page - Motorola, Inc M4N25 Datasheet HTML 7Page - Motorola, Inc M4N25 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
M4N25
4
Motorola Optoelectronics Device Data
Figure 6. Collector–Emitter Current
vs. Temperature and LED Current
Figure 7. Collector–Emitter Leakage
Current vs. Temperature
Figure 8. Normalized CTRcb vs. LED
Current and Temperature
Figure 9. Normalized Photocurrent vs.
lF and Temperature
Figure 10. Normalized Non–Saturated HFE vs. Base
Current and Temperature
IF, LED CURRENT (mA)
10
0
35
20
15
10
5.0
0
20
30
40
50
60
30
25
25
°C
50
°C
70
°C
85
°C
040
–20
TA, AMBIENT TEMPERATURE (°C)
105
102
101
100
10–1
10–2
20
60
100
80
103
104
VCE = 10 V
TYPICAL
10
100
0.1
IF, LED CURRENT (mA)
1.5
1.0
0.5
0
1.0
25
°C
50
°C
70
°C
NORMALIZED TO:
IF = 10 mA
VCB = 9.3 V
TA = 25°C
10
100
0.1
IF, LED CURRENT (mA)
10
1.0
0.1
0.01
1.0
NORMALIZED TO:
IF = 10 mA
TA = 25°C
25
°C
50
°C
70
°C
–20
°C
IB, BASE CURRENT (mA)
100
1000
1.0
0.6
0.4
10
0.8
1.0
1.2
NORMALIZED TO:
VCE = 10 V
IB = 20 mA
TA = 25°C
25
°C
50
°C
70
°C
–20
°C


Numéro de pièce similaire - M4N25

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
M4N26 MOTOROLA-M4N26 Datasheet
139Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
More results

Description similaire - M4N25

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
M4N37 MOTOROLA-M4N37 Datasheet
140Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
H11A1 MOTOROLA-H11A1 Datasheet
262Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
logo
American Microsemicondu...
4N25 AMMSEMI-4N25 Datasheet
1Mb / 6P
   6-Pin DIP Optoisolators Transistor Output
logo
Motorola, Inc
M4N26 MOTOROLA-M4N26 Datasheet
139Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
H11AA1 MOTOROLA-H11AA1 Datasheet
281Kb / 6P
   6-Pin DIP Optoisolators AC Input/Transistor Output
H11L1 MOTOROLA-H11L1 Datasheet
275Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_05 Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
Motorola, Inc
MTIL113 MOTOROLA-MTIL113 Datasheet
100Kb / 4P
   6-Pin DIP Optoisolators Darlington Output
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com