Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPCA8026 Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TPCA8026
Description  Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8026 Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TPCA8026 Datasheet HTML 1Page - Toshiba Semiconductor TPCA8026 Datasheet HTML 2Page - Toshiba Semiconductor TPCA8026 Datasheet HTML 3Page - Toshiba Semiconductor TPCA8026 Datasheet HTML 4Page - Toshiba Semiconductor TPCA8026 Datasheet HTML 5Page - Toshiba Semiconductor TPCA8026 Datasheet HTML 6Page - Toshiba Semiconductor TPCA8026 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPCA8026
2008-06-26
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±20 V, VDS = 0 V
±100
nA
Drain cutoff current
IDSS
VDS = 30 V, VGS = 0 V
10
μA
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −20 V
10
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.3
2.5
V
VGS = 4.5 V, ID = 23 A
2.7
4.5
Drain-source ON-resistance
RDS (ON)
VGS = 10 V, ID = 23 A
1.8
2.2
m
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 23 A
50
100
S
Input capacitance
Ciss
4200
Reverse transfer capacitance
Crss
1000
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
1400
pF
Rise time
tr
15
Turn-on time
ton
30
Fall time
tf
36
Switching time
Turn-off time
toff
Duty
1%, tw = 10 μs
111
ns
Total gate charge
(gate-source plus gate-drain)
Qg
113
Gate-source charge 1
Qgs1
13
Gate-drain (“miller”) charge
Qgd
VDD 24 V, VGS = 10 V, ID = 45 A
42
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse
(Note 1)
IDRP
135
A
Forward voltage (diode)
VDSF
IDR = 45 A, VGS = 0 V
1.2
V
VDD 15 V
0 V
VGS
10 V
ID = 23A
VOUT


Numéro de pièce similaire - TPCA8026

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCA8026 TOSHIBA-TPCA8026 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPCA8026 VBSEMI-TPCA8026 Datasheet
1Mb / 7P
   N-Channel 30 V (D-S) MOSFET
More results

Description similaire - TPCA8026

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCM8006 TOSHIBA-TPCM8006 Datasheet
206Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
SSM3K318T TOSHIBA-SSM3K318T Datasheet
219Kb / 6P
   Field-Effect Transistor Silicon N-Channel MOS Type (U-MOS??
TPCP8004 TOSHIBA-TPCP8004 Datasheet
196Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
TPCA8042 TOSHIBA-TPCA8042 Datasheet
160Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
logo
National Semiconductor ...
TPCT4202 NSC-TPCT4202 Datasheet
259Kb / 4P
   Field effect Transistor Silicon N Channel MOS Type(U-MOS)
logo
Toshiba Semiconductor
TPCC8008 TOSHIBA-TPCC8008 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
TPC8216-H TOSHIBA-TPC8216-H Datasheet
213Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8041 TOSHIBA-TPC8041 Datasheet
201Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPCA8040-H TOSHIBA-TPCA8040-H Datasheet
148Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TK40A10K3 TOSHIBA-TK40A10K3 Datasheet
208Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com