Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCR5SB23A Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TCR5SB23A
Description  150 mA CMOS Low-Dropout Regulator (Point Regulator)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB23A Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TCR5SB23A Datasheet HTML 1Page - Toshiba Semiconductor TCR5SB23A Datasheet HTML 2Page - Toshiba Semiconductor TCR5SB23A Datasheet HTML 3Page - Toshiba Semiconductor TCR5SB23A Datasheet HTML 4Page - Toshiba Semiconductor TCR5SB23A Datasheet HTML 5Page - Toshiba Semiconductor TCR5SB23A Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB23A Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB23A Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB23A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TCR5SB15A~TCR5SB50A
2008-11-11
4
Output Voltage Accuracy
(VIN = VOUT + 1 V, IOUT = 50 mA, CIN = 0.1 μF, COUT = 1.0 μF, Tj = 25°C)
Product No.
Symbol
Min
Typ.
Max
Unit
TCR5SB15A
1.47
1.5
1.53
TCR5SB16A
1.56
1.6
1.64
TCR5SB17A
1.66
1.7
1.74
TCR5SB18A
1.76
1.8
1.84
TCR5SB19A
1.86
1.9
1.94
TCR5SB20A
1.96
2.0
2.04
TCR5SB21A
2.05
2.1
2.15
TCR5SB22A
2.15
2.2
2.25
TCR5SB23A
2.25
2.3
2.35
TCR5SB24A
2.35
2.4
2.45
TCR5SB25A
2.45
2.5
2.55
TCR5SB26A
2.54
2.6
2.66
TCR5SB27A
2.64
2.7
2.76
TCR5SB28A
2.74
2.8
2.86
TCR5SB29A
2.84
2.9
2.96
TCR5SB30A
2.94
3.0
3.06
TCR5SB31A
3.03
3.1
3.17
TCR5SB32A
3.13
3.2
3.27
TCR5SB33A
3.23
3.3
3.37
TCR5SB34A
3.33
3.4
3.47
TCR5SB35A
3.43
3.5
3.57
TCR5SB36A
3.52
3.6
3.68
TCR5SB37A
3.62
3.7
3.78
*TCR5SB38A
3.72
3.8
3.88
*TCR5SB39A
3.82
3.9
3.98
*TCR5SB40A
3.92
4.0
4.08
*TCR5SB41A
4.01
4.1
4.19
*TCR5SB42A
4.11
4.2
4.29
*TCR5SB43A
4.21
4.3
4.39
*TCR5SB44A
4.31
4.4
4.49
*TCR5SB45A
4.41
4.5
4.59
*TCR5SB46A
4.50
4.6
4.70
*TCR5SB47A
4.60
4.7
4.80
TCR5SB48A
4.70
4.8
4.90
*TCR5SB49A
4.80
4.9
5.00
TCR5SB50A
VOUT
4.90
5.0
5.10
V
Please contact your local Toshiba representative if you are interested in products with * sign.


Numéro de pièce similaire - TCR5SB23A

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TCR5SB23 TOSHIBA-TCR5SB23 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB23U TOSHIBA-TCR5SB23U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results

Description similaire - TCR5SB23A

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
ON Semiconductor
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCP103 ONSEMI-NCP103_16 Datasheet
676Kb / 15P
   150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
logo
Analog Devices
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
Toshiba Semiconductor
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
logo
ON Semiconductor
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com