Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7SZ04AFS Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TC7SZ04AFS
Description  INVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ04AFS Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TC7SZ04AFS Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ04AFS Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ04AFS Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ04AFS Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ04AFS Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ04AFS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC7SZ04AFS
2009-07-27
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.65 to 1.95
VCC
× 0.75
VCC
× 0.75
High-level input
voltage
VIH
2.3 to 5.5
VCC
× 0.7
VCC
× 0.7
V
1.65 to 1.95
VCC
× 0.25
VCC
× 0.25
Low-level input
voltage
VIL
2.3 to 5.5
VCC
× 0.3
VCC
× 0.3
V
1.65
1.55
1.65
1.55
2.3
2.2
2.3
2.2
3.0
2.9
3.0
2.9
IOH = −100 μA
4.5
4.4
4.5
4.4
IOH = −4 mA
1.65
1.29
1.52
1.29
IOH = −8 mA
2.3
1.9
2.15
1.9
IOH = −16 mA
3.0
2.4
2.8
2.4
IOH = −24 mA
3.0
2.3
2.68
2.3
High-level
output voltage
VOH
VIN = VIL
IOH = −32 mA
4.5
3.8
4.2
3.8
V
1.65
0
0.1
0.1
2.3
0
0.1
0.1
3.0
0
0.1
0.1
IOL = 100 μA
4.5
0
0.1
0.1
IOL = 4 mA
1.65
0.08
0.24
0.24
IOL = 8 mA
2.3
0.1
0.3
0.3
IOL = 16 mA
3.0
0.15
0.4
0.4
IOL = 24 mA
3.0
0.22
0.55
0.55
Low-level output
voltage
VOL
VIN = VIH
IOL = 32 mA
4.5
0.22
0.55
0.55
V
Input leakage
current
IIN
VIN = 5.5 V or GND
0 to 5.5
±1
±10
μA
Quiescent
supply current
ICC
VIN = VCC or GND
5.5
2
20
μA


Numéro de pièce similaire - TC7SZ04AFS

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE Datasheet
150Kb / 4P
   INVERTER
TC7SZ04AFE TOSHIBA-TC7SZ04AFE Datasheet
153Kb / 5P
   Inverter
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
More results

Description similaire - TC7SZ04AFS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com