Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7SZ02F Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC7SZ02F
Description  2-Input NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ02F Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC7SZ02F_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ02F_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ02F_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ02F_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ02F_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ02F_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ02F_09 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7SZ02F/FU
2009-06-09
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SZ02F,TC7SZ02FU
2-Input NOR Gate
Features
• High output current
:±24 mA (min) at VCC = 3 V
• Super high speed operation : tpd = 2.4 ns (typ.)
at VCC = 5 V, 50 pF
• Operating voltage range
: VCC = 1.8 to 5.5 V
• 5.5-V tolerant inputs
• 5.5-V power down protection output
• Matches the performance of TC74LCX series when operated at
3.3- V VCC
Marking
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
−0.5 to 6
V
DC input voltage
VIN
−0.5 to 6
V
−0.5 to 6 (Note 1)
DC output voltage
VOUT
−0.5 to VCC +0.5 (Note 2)
V
Input diode current
IIK
−20
mA
Output diode current
IOK
−20
(Note 3)
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
200
mW
Storage temperature
Tstg
−65 to 150
°C
Lead temperature (10 s)
TL
260
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1: VCC = 0 V
Note 2: High or Low State. Do not exceed IOUT of absolute maximum ratings.
Note 3: VOUT < GND
TC7SZ02F
(SMV)
TC7SZ02FU
(USV)
Weight
SSOP5-P-0.95
: 0.016 g (typ.)
SSOP5-P-0.65A
: 0.006 g (typ.)
Product Name
J 3
Pin Assignment (top view)
5 VCC
4
OUT Y
IN A
2
GND
3
IN B
1


Numéro de pièce similaire - TC7SZ02F_09

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SZ02F TOSHIBA-TC7SZ02F_07 Datasheet
175Kb / 7P
   2 INPUT NOR GATE
More results

Description similaire - TC7SZ02F_09

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
   2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
   2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
   2-INPUT NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
   2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
   2-input NOR gate
Rev. 2 - 12 January 2022
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com