Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7MBL3253CFT Fiches technique(PDF) 8 Page - Toshiba Semiconductor

No de pièce TC7MBL3253CFT
Description  CMOS Digital Integrated Circuit Silicon Monolithic
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MBL3253CFT Fiches technique(HTML) 8 Page - Toshiba Semiconductor

Back Button TC7MBL3253CFT Datasheet HTML 4Page - Toshiba Semiconductor TC7MBL3253CFT Datasheet HTML 5Page - Toshiba Semiconductor TC7MBL3253CFT Datasheet HTML 6Page - Toshiba Semiconductor TC7MBL3253CFT Datasheet HTML 7Page - Toshiba Semiconductor TC7MBL3253CFT Datasheet HTML 8Page - Toshiba Semiconductor TC7MBL3253CFT Datasheet HTML 9Page - Toshiba Semiconductor TC7MBL3253CFT Datasheet HTML 10Page - Toshiba Semiconductor TC7MBL3253CFT Datasheet HTML 11Page - Toshiba Semiconductor TC7MBL3253CFT Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TC7MBL3253CFT/FK/FTG
2009-02-02
8
Rise and Fall Time (tr / tf) of the TC7MBL3253C I/O Signals
The tr(out) and tf(out) values of the output signals are affected by the CR time constant of the input, which consists of
the switch terminal capacitance (CI/O) and the on-resistance (RON) of the input.
In practice, the tr(out) and tf(out) values are also affected by the circuit’s capacitance and resistance components other
than those of the TC7MBL3253C.
The tr(out) / tf(out) values can be approximated as follows. (Figure 3 shows the test circuit.)
tr(out) / tf(out) (approx) = - ( CI/O + CL ) ・ (RDRIVE+ RON) ・ ln ( ( ( VOH – VOL ) – VM) / ( VOH – VOL ) )
where, RDRIVE is the output impedance of the previous-stage circuit.
Calculation example:
tr(out) (approx) = - ( 13 + 15 )E-12 ・ ( 120 + 9) ・ ln ( ( ( 3.0 - 0 ) – 1.5 ) / ( 3.0 – 0 ) )
≈ 2.5 ns
Calculation conditions:
VCC = 3.0V, CL = 15pF , RDRIVE = 120 Ω (output impedance of the previous IC), VM = 1.5V (VCC / 2)
Output of the previous IC = digital (i.e., high-level voltage = VCC; low-level voltage = GND)
VCC
項目
3.3 ± 0.3 V
2.5 ± 0.2 V
1.8 ± 0.15 V
VM
VCC / 2
VCC / 2
VCC / 2
Figure 3 Test Circuit
Measure
An/Bn
CI/O
(Switch On)
TC7MBL3253C
RDRIVE
Previous IC
Bn/An
RDRIVE = output impedance of the previous IC
RON
VOL
VOH
VM
tr(out)
VM
Measure
RDRIVE
Previous IC
RDRIVE = output impedance of the previous IC
VCC
GND
Waveform generated without the TC7MBL3253C
tf(out)
Waveform generated with the TC7MBL3253C added


Numéro de pièce similaire - TC7MBL3253CFT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
177Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257CFK TOSHIBA-TC7MBL3257CFK Datasheet
241Kb / 12P
   4-Bit 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257CFT TOSHIBA-TC7MBL3257CFT Datasheet
241Kb / 12P
   4-Bit 1-of-2 Multiplexer/Demultiplexer
More results

Description similaire - TC7MBL3253CFT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com