Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7MB3244FT Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TC7MB3244FT
Description  Octal Bus Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MB3244FT Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TC7MB3244FT Datasheet HTML 1Page - Toshiba Semiconductor TC7MB3244FT Datasheet HTML 2Page - Toshiba Semiconductor TC7MB3244FT Datasheet HTML 3Page - Toshiba Semiconductor TC7MB3244FT Datasheet HTML 4Page - Toshiba Semiconductor TC7MB3244FT Datasheet HTML 5Page - Toshiba Semiconductor TC7MB3244FT Datasheet HTML 6Page - Toshiba Semiconductor TC7MB3244FT Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7MB3244FT/FK
2008-09-01
3
Electrical Characteristics
DC Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
(Note 1)
Max
Unit
“H” level
VIH
4.5to5.5
2.0
Input voltage
“L” level
VIL
4.5to5.5
0.8
V
Input leakage current
IIN
VIN = 0 to 5.5 V
4.5to5.5
±1.0
μA
Power off leakage current
IOFF
A, B, OE
= 0 to 5.5 V
0
±1.0
μA
Off-STATE leakage current
(switch off)
ISZ
A, B
= 0 to 5.5 V, OE = VCC
4.5to5.5
±1.0
μA
IIS = 64 mA
4.5
5
7
VIS = 0 V
IIS = 30 mA
4.5
5
7
ON resistance
(Note 2)
RON
VIS = 2.4 V, IIS = 15 mA
4.5
10
15
Ω
Quiescent supply current
ICC
VIN = VCC or GND, IOUT = 0
5.5
10
μA
Increase in ICC per input
ΔICC
VIN = 3.4 V (one input)
5.5
2.5
mA
Note 1: Typical values are at VCC = 5 V, Ta = 25°C.
Note 2: Measured by the voltage drop between A and B pins at the indicated current through the switch. On
resistance is determined by the lower of the voltages on the two (A or B) pins.
AC Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
Propagation delay time
(bus to bus)
tpLH
tpHL
Figure 1, Figure 2
(Note)
4.5
0.25
ns
Output enable time
tpZL
tpZH
Figure 1, Figure 3
4.5
5.0
ns
Output disable time
tpLZ
tpHZ
Figure 1, Figure 3
4.5
5.0
ns
Note: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay
other than the RC delay of the typical On resistance of the switch and the 50 pF load capacitance, when
driven by an ideal voltage the source (zero output impedance).
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Control pin input capacitance
CIN
(Note)
5.0
3
pF
Switch terminal capacitance
CI/O
OE
= VCC
(Note)
5.0
10
pF
Note: Parameter guaranteed by design.


Numéro de pièce similaire - TC7MB3244FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK Datasheet
193Kb / 5P
   OCTAL BUS SWITCH
TC7MB3244FK TOSHIBA-TC7MB3244FK Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
More results

Description similaire - TC7MB3244FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
   Octal bus switch
logo
Toshiba Semiconductor
TC7MBD3244FK TOSHIBA-TC7MBD3244FK Datasheet
226Kb / 7P
   OCTAL BUS SWITCH
TC7MBD3245FK TOSHIBA-TC7MBD3245FK Datasheet
220Kb / 7P
   OCTAL BUS SWITCH
logo
Fairchild Semiconductor
FST3244 FAIRCHILD-FST3244 Datasheet
111Kb / 5P
   Octal Bus Switch
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
   Octal Bus Switch
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
   OCTAL BUS SWITCH
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
   Octal bus switch
Rev. 3-5 January 2012
CBT3245A PHILIPS-CBT3245A Datasheet
123Kb / 12P
   Octal bus switch
2003 Jun 27
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com