Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BC048A015T014FP Datasheet(Fiches technique) 1 Page - Vicor Corporation

Numéro de pièce BC048A015T014FP
Description  BCM™ Bus Converter
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VICOR [Vicor Corporation]
Site Internet  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC048A015T014FP Datasheet(HTML) 1 Page - Vicor Corporation

  BC048A015T014FP_1 Datasheet HTML 1Page - Vicor Corporation BC048A015T014FP_1 Datenblatt HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VI BRICK: BCMTM Bus Converter
vicorpower.com
Rev. 1.0
Page 1 of 2
Features
? 100C baseplate operation
? 48, 352 and 384 V Bus Converters
? High density ? up to 390 w/in3
? Small footprint ? 1.64 and 2.08 in2
? Height above board ? 0.37 in (9.5 mm)
? Efficiency up to 96%
? Isolated output
? No output filtering required
? <1 s transient response
? Fast transient response
? Lead free wave solder compatible
? Agency approvals
BCMTM Bus Converter
Product Description
VI BRICK BCM modules use advanced Sine
Amplitude ConverterTM (SACTM) technology,
thermally enhanced packaging technologies,
and advanced manufacturing processes to
provide high power density and efficiency,
superior transient response, and improved
thermal management. These modules can be
used to provide an isolated intermediate bus to
power non-isolated POL converters and due to
the fast response time and low noise of the
BCM, capacitance can be reduced or
eliminated near the load.
R2
2 k
?
D1
SW1
enable / disable
switch
F1 10 A Fuse
Vin
(power good indicator)
C1
Vout
POL
POL
POL
POL
BCM
TM
RSV
PC
+IN
+OUT
-OUT
+OUT
-OUT
-IN
+
?
Typical Application
NOTE:
Vin : 48 (38 ? 55) Vdc; Vout = 1.5 ? 48 Vdc; C1 = 47 F
Vin : 352 (330 ? 365) Vdc; Vout = 10.3 ? 11.4 Vdc; C1 = 22 F
Vin : 384 (360 ? 400) Vdc; Vout = 11.25 ? 12.5 Vdc; C1 = 22 F
Note: See individual data sheets for additional model specifications and configurations.
Model
Input
Output
Output
Output
Efficiency (%)
Output Ripple (mV)
Number
Voltage
Voltage
Power
Current
50% Load
100% Load
50% Load
100% Load
(V)
(V)
(W)
(A)
BC048A015T014FP
38 ? 55
1.19 ? 1.71
135
90
91.5
91.1
70
110
BC048A030T021FP
38 ? 55
2.38 ? 3.43
210
70
95.0
94.2
50
65
BC048A040T020FP
38 ? 55
3.17 ? 4.58
200
50
94.8
94.4
170
220
BC048A060T024FP
38 ? 55
4.75 ? 6.87
240
40
95.6
94.6
98
170
BC048A080T024FP
38 ? 55
6.33 ? 9.16
240
30
96.0
95.8
70
140
BC048A096T024FP
38 ? 55
7.60 ? 11.0
240
25
96.2
96.2
110
180
BC048A120T030FP
38 ? 55
9.50 ? 13.8
300
25
95.1
95.6
100
150
BC048A160T024FP
38 ? 55
12.7 ? 18.3
240
15
96.0
95.7
107
150
BC048A240T030FP
38 ? 53
19.0 ? 26.5
300
12
95.7
95.9
85
150
BC048A320T030FP
38 ? 55
25.3 ? 36.7
300
9
96.5
96.2
115
180
BC048A480T030FP
38 ? 55
38.0 ? 55.0
300
6
96.7
96.4
95
190
BC352A110T024FP
330 ? 365
10.3 ? 11.4
240
21.8
95.6
95.8
140
240
BC352A110T030FP
330 ? 365
10.3 ? 11.4
300
27.2
95.8
95.2
110
200
BC384A120T030FP
360 ? 400
11.25 ? 12.5
300
25
95.2
95.3
100
195


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn