Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

H11AA1 Fiches technique(PDF) 2 Page - Motorola, Inc

No de pièce H11AA1
Description  6-Pin DIP Optoisolators AC Input/Transistor Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

H11AA1 Fiches technique(HTML) 2 Page - Motorola, Inc

  H11AA1 Datasheet HTML 1Page - Motorola, Inc H11AA1 Datasheet HTML 2Page - Motorola, Inc H11AA1 Datasheet HTML 3Page - Motorola, Inc H11AA1 Datasheet HTML 4Page - Motorola, Inc H11AA1 Datasheet HTML 5Page - Motorola, Inc H11AA1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
H11AA1 H11AA2 H11AA3 H11AA4
2
Motorola Optoelectronics Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)(1)
Characteristic
Symbol
Min
Typ(1)
Max
Unit
INPUT LED
Forward Voltage
H11AA1,3,4
(IF = 10 mA, either direction)
H11AA2
TA = –55°C
All devices
TA = 100°C
All devices
VF
1.15
1.15
1.3
1.05
1.5
1.8
Volts
Capacitance (V = 0 V, f = 1 MHz)
CJ
20
pF
OUTPUT TRANSISTOR
Collector–Emitter Dark Current
H11AA1,3,4
(VCE = 10 V)
H11AA2
TA = 100°C
All devices
ICEO
1
1
1
100
200
nA
nA
µA
Collector–Base Dark Current (VCB = 10 V)
ICBO
0.2
nA
Collector–Emitter Breakdown Voltage (IC = 10 mA)
V(BR)CEO
30
45
Volts
Collector–Base Breakdown Voltage (IC = 100 µA)
V(BR)CBO
70
100
Volts
Emitter–Collector Breakdown Voltage (IE = 100 µA)
V(BR)ECO
5
7.8
Volts
DC Current Gain (IC = 2 mA, VCE = 5 V) (Typical Value)
hFE
500
Collector–Emitter Capacitance (f = 1 MHz, VCE = 0 V)
CCE
1.7
pF
Collector–Base Capacitance (f = 1 MHz, VCB = 0 V)
CCB
20
pF
Emitter–Base Capacitance (f = 1 MHz, VEB = 0 V)
CEB
10
pF
COUPLED
Output Collector Current
H11AA1
(IF = "10 mA, VCE = 10 V)
H11AA2
H11AA3
H11AA4
IC (CTR)(2)
2 (20)
1 (10)
5 (50)
10 (100)
5 (50)
2 (20)
10 (100)
15 (150)
mA (%)
Output Collector Current Symmetry(3)
H11AA1,3,4
I
C
at I
F + )
10 mA, V
CE +
10 V
I
C
at I
F +
–10 mA, V
CE +
10 V
0.33
3
Collector–Emitter Saturation Voltage (IC = 0.5 mA, IF = "10 mA)
VCE(sat)
0.1
0.4
Volts
Isolation Voltage (f = 60 Hz, t = 1 sec)(4)
VISO
7500
Vac(pk)
Isolation Resistance (V = 500 V)(4)
RISO
1011
Isolation Capacitance (V = 0 V, f = 1 MHz)(4)
CISO
0.2
pF
1. Always design to the specified minimum/maximum electrical limits (where applicable).
2. Current Transfer Ratio (CTR) = IC/IF x 100%.
3. This specification guarantees that the higher of the two IC readings will be no more than 3 times the lower at IF = 10 mA.
4. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common.


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn